Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT513 Datasheet (PDF) - Active-Semi, Inc

ACT513 Datasheet PDF - Active-Semi, Inc
Part # ACT513
Download  ACT513 Download
File Size   185.37 Kbytes
Page   4 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description ActiveQR Quasi-Resonant PWM Controller

ACT513 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT513 Datasheet PDF - Active-Semi, Inc

Part # ACT513
Download  ACT513 Click to download

File Size   185.37 Kbytes
Page   4 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description ActiveQR Quasi-Resonant PWM Controller

ACT513 Datasheet (HTML) - Active-Semi, Inc


ACT513 Product details

GENERAL DESCRIPTION
The ACT513 is a high performance peak current mode PWM controller. ACT513 applies ActiveQRTM and frequency foldback technique to reduce EMI and improve efficiency. ACT513’s maximum design switching frequency is set at 45kHz. Very low standby power, good dynamic response and accurate voltage regulation is achieved with an opto-coupler and the secondary side control circuit.
   
FEATURES
• CCM and Quasi-Resonant Operation
• Adjustable up to 45kHz Switching Frequency
• OCP/OLP Protection
• Integrated Patented Frequency Foldback
    Technique
• Integrated Patented Line Compensation
• Built-in Soft-Start Circuit
• Line Under-Voltage, Thermal, Output Overvoltage, Output Short Protections
• Current Sense Resistor Short Protection
• Transformer Short Winding Protection
• 100mW Standby Power
• Complies with Global Energy Efficiency and
    CEC Average Efficiency Standards
• Tiny SOT23-6 Packages
   
APPLICATIONS
• AC/DC Adaptors/Chargers for Cell Phones,
    Cordless Phone, PDAs, E-books
• Adaptors for Portable Media Player, DSCs,
    Set-top boxes, DVD players, records
• Linear Adapter Replacements
   




Similar Part No. - ACT513

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Qorvo, Inc
ACT5101 QORVO-ACT5101 Datasheet
3Mb / 59P
23V Buck-Boost Converter with Integrated MOSFETs
Rev. E, November 2019
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT5101QI101-T ACTIVE-SEMI-ACT5101QI101-T Datasheet
578Kb / 37P
23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Qorvo, Inc
ACT5101QI102-T QORVO-ACT5101QI102-T Datasheet
3Mb / 59P
23V Buck-Boost Converter with Integrated MOSFETs
Rev. E, November 2019
More results


Similar Description - ACT513

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
ACT511 ACTIVE-SEMI-ACT511 Datasheet
171Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
ACT512 ACTIVE-SEMI-ACT512 Datasheet
178Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com