Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT513 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT513
Description  ActiveQR Quasi-Resonant PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT513 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT513 Datasheet HTML 1Page - Active-Semi, Inc ACT513 Datasheet HTML 2Page - Active-Semi, Inc ACT513 Datasheet HTML 3Page - Active-Semi, Inc ACT513 Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ACT513
Product Brief, 05-Dec-12
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActiveQR
TM is a trademark of Active-Semi.
ITEM REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
U1
IC, ACT513, SOT23-6
1
Active-Semi
2
C1
Capacitor, Electrolytic, 82µF/400V, 18 × 20mm
1
Rubcon
3
C3
Capacitor, Ceramic,1000pF/1KV,DIP
1
POE
4
C4
Capacitor, Electrolytic,4.7µF/35V,5*11mm
1
KSC
5
C5,C6,C7
Capacitor, Solid, 470µF/16V, 8*16mm
3
Rubcon
6
C8
Capacitor, Ceramic, 0.1µF/50V,0805,SMD
1
POE
7
C9
Capacitor, Ceramic,1000pF/100V,0805,SMD
1
POE
8
Cfb
Capacitor, Ceramic,100pF/50V,0805,SMD
1
POE
9
BD1
GBL10 2A/600V 4Pin DIP
1
Good-Ark
10
D5
Diode, Ultra Fast, FR107,1000V/1.0A, DO-41
1
Good-Ark
11
D6
RS1M SMD
1
Good-Ark
12
D8
Diode, Schottky, 60V/30A, SBR3060, DO-220
1
Diodes
13
Dgate
Diode L4148 SMD
1
Good-Ark
14
LF1
CM Inductor, 50mH, UU10.5
1
SoKa
15
LF2
Axial Inductor, 0.75*5T, 5*7,Dip 200uH
1
SoKa
16
Q1
Mosfet Transisor, 04N65, TO-220F
1
Infineon
17
PCB1
PCB, L*W*T =49x68x1.6mm, Cem-1, Rev:A
1
Jintong
18
F1
Fusible, 2A/250V
1
TY-OHM
19
R1
Chip Resistor,22 Ω, SMD 0805, 5%
1
TY-OHM
20
R2
metal Resistor,100K Ω,DIP,1W,5%
1
TY-OHM
21
R3
Chip Resistor, 100Ω, 0805, 5%
1
TY-OHM
22
R4
Chip Resistor,4.7Ω, 0805, 5%
1
TY-OHM
23
R5
Chip Resistor,54.9kΩ, 0805, 1%
1
TY-OHM
24
R6
Chip Resistor, 11.8KΩ, 0805, 1%
1
TY-OHM
25
R7,R8
Chip Resistor, 1MΩ, 5%
2
TY-OHM
26
R9
metal Resistor, 1.27Ω, 1W, 1%
1
TY-OHM
27
R10
Chip Resistor, 510Ω, 1/4W, 5%
1
TY-OHM
28
R12,R14
Chip Resistor, 3.3KΩ, 0805, 5%
2
TY-OHM
29
R13
Chip Resistor, 10Ω, 0805, 5%
1
TY-OHM
30
R15
Chip Resistor,24.3kΩ, 0805,1%
1
TY-OHM
31
R16
Chip Resistor,6.19KΩ, 0805, 1%
1
TY-OHM
32
Rgate
Chip Resistor,330Ω, 0805, 5%
1
TY-OHM
33
T1
ER28 Lm=4mH
1
34
CX1
X capacitance, 0.1µF/400V,X1
1
35
NTC
Thermistor, SC053
1
TY-OHM
36
TVS
Varistor, 10471
1
TY-OHM
37
CY1
Y capacitance, 1000pF/400V,Y1
1
SEC
38
U2
Opto-coupler, PC817C CTR=200 dip-4
1
Sharp
39
U3
Voltage Regulator, TL431A, Vref=2.5V TO-92
1
ST
Table 1:
ACT513 12V24W Bill of Materials



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com