Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT513 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT513
Description  ActiveQR Quasi-Resonant PWM Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT513 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT513 Datasheet HTML 1Page - Active-Semi, Inc ACT513 Datasheet HTML 2Page - Active-Semi, Inc ACT513 Datasheet HTML 3Page - Active-Semi, Inc ACT513 Datasheet HTML 4Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ActiveQR
TM is a trademark of Active-Semi.
Product Brief, 05-Dec-12
ActiveQR
TM Quasi-Resonant PWM Controller
FEATURES
• CCM and Quasi-Resonant Operation
• Adjustable up to 45kHz Switching Frequency
• OCP/OLP Protection
• Integrated Patented Frequency Foldback
Technique
• Integrated Patented Line Compensation
• Built-in Soft-Start Circuit
• Line Under-Voltage, Thermal, Output Over-
voltage, Output Short Protections
• Current Sense Resistor Short Protection
• Transformer Short Winding Protection
• 100mW Standby Power
• Complies with Global Energy Efficiency and
CEC Average Efficiency Standards
• Tiny SOT23-6 Packages
APPLICATIONS
• AC/DC Adaptors/Chargers for Cell Phones,
Cordless Phone, PDAs, E-books
• Adaptors for Portable Media Player, DSCs,
Set-top boxes, DVD players, records
• Linear Adapter Replacements
GENERAL DESCRIPTION
The ACT513 is a high performance peak current
mode PWM controller. ACT513 applies ActiveQRTM
and frequency foldback technique to reduce EMI
and improve efficiency. ACT513’s maximum design
switching frequency is set at 45kHz. Very low
standby power, good dynamic response and
accurate voltage regulation is achieved with an
opto-coupler and the secondary side control circuit.
The burst mode operation enables low standby
power of 100mW with small output voltage ripple.
By applying frequency foldback and ActiveQRTM
technology, ACT513 increases the average system
efficiency compared to conventional solutions and
exceeds the latest ES2.0 efficiency standard with
good margin.
ACT513 integrates comprehensive protection. In
case of over temperature, over voltage, short
winding, short current sense resistor, open loop an
d overload conditions, it would enter into auto
restart mode including Cycle-by-Cycle current
limiting.
ACT513 is to achieve no overshoot and very short
rise time even with big capacitive load with the built-
in fast and soft start process.
In full load condition, ACT513 is able to be
designed to work in both CCM mode and DCM
mode to meet different types of applications. Quasi-
Resonant (QR) operation mode can effectively
improve efficiency during DCM operation, and
reduce the EMI noise and further reduce the
components in input filter.
ACT513 is for application up to 60 Watt.
Figure 1:
Simplified Application Circuit
ACT513


Similar Part No. - ACT513

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
Qorvo, Inc
ACT5101 QORVO-ACT5101 Datasheet
3Mb / 59P
23V Buck-Boost Converter with Integrated MOSFETs
Rev. E, November 2019
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Active-Semi, Inc
ACT5101QI101-T ACTIVE-SEMI-ACT5101QI101-T Datasheet
578Kb / 37P
23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Qorvo, Inc
ACT5101QI102-T QORVO-ACT5101QI102-T Datasheet
3Mb / 59P
23V Buck-Boost Converter with Integrated MOSFETs
Rev. E, November 2019
More results

Similar Description - ACT513

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
Active-Semi, Inc
ACT510 ACTIVE-SEMI-ACT510 Datasheet
171Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
ACT511 ACTIVE-SEMI-ACT511 Datasheet
171Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
ACT512 ACTIVE-SEMI-ACT512 Datasheet
178Kb / 4P
ActiveQR Quasi-Resonant PWM Controller
05-Dec-12
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com