Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5262 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5262
Description  1-/2-Channel 15 V Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5262 Datasheet HTML 6Page - Analog Devices AD5262 Datasheet HTML 7Page - Analog Devices AD5262 Datasheet HTML 8Page - Analog Devices AD5262 Datasheet HTML 9Page - Analog Devices AD5262 Datasheet HTML 10Page - Analog Devices AD5262 Datasheet HTML 11Page - Analog Devices AD5262 Datasheet HTML 12Page - Analog Devices AD5262 Datasheet HTML 13Page - Analog Devices AD5262 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. 0
AD5260/AD5262
–10–
CODE – Decimal
0
256
–0.2
32
64
96
128 160 192 224
–0.1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5V
12V
5V
15V
TPC 1. R-INL vs. Code vs.
Supply Voltages
CODE – Decimal
0
256
–0.5
32
64
96
128 160 192 224
–0.4
–0.2
–0.1
0.1
0.3
0.5
–0.3
0
0.2
0.4
TA = 125 C
TA = 85 C
TA = 25 C
TA = 40 C
TPC 4. DNL vs. Code,
VDD/VSS =
±5 V
VDD – VSS – V
0
20
–1.0
510
15
1.0
–0.5
0
0.5
AVG +3
AVG
AVG –3
TPC 7. INL vs. Supply Voltages
CODE – Decimal
0
256
–0.25
32
64
96
128 160 192 224
–0.20
–0.10
–0.05
0
0.05
0.10
–0.15
5V
12V
5V
15V
TPC 2. R-DNL vs. Code vs.
Supply Voltages
CODE – Decimal
0
256
32
64
96
128 160 192 224
–0.4
–0.2
–0.1
0.1
0.2
–0.3
0
5V
0.3
15V
5V
TPC 5. INL vs. Code vs.
Supply Voltages
VDD – VSS – V
0
20
–2.0
510
15
2.0
–1.0
0
1.0
AVG +3
AVG
1.5
–1.5
–0.5
0.5
AVG –3
TPC 8. R-INL vs. Supply Voltages
CODE – Decimal
0
256
–1.0
32
64
96
128 160 192 224
–0.8
–0.4
–0.2
0.2
0.6
1.0
–0.6
0
0.4
0.8
VDD = 5V
VSS = 5V
RAB = 20k
TA = 25 C
TA = 40 C
TA = 125 C
TA = 85 C
TPC 3. INL vs. Code, VDD/VSS =
±5 V
CODE – Decimal
0
256
32
64
96
128 160 192 224
–0.5
–0.3
–0.2
0.1
0.3
–0.4
–0.1
5V
0.5
15V
5V
0.2
0.4
0
TPC 6. DNL vs. Code vs.
Supply Voltages
VDD – V
5
15
4
13
11
124
44
84
24
64
104
RON @ VDD/VSS = 5V/0V
7
RON @ VDD/VSS = 15V/0V
RON@VDD/VSS = 5V/ 5V
TPC 9. Wiper ON Resistance vs.
Bias Voltage
—Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com