Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5262 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5262
Description  1-/2-Channel 15 V Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5262 Datasheet HTML 9Page - Analog Devices AD5262 Datasheet HTML 10Page - Analog Devices AD5262 Datasheet HTML 11Page - Analog Devices AD5262 Datasheet HTML 12Page - Analog Devices AD5262 Datasheet HTML 13Page - Analog Devices AD5262 Datasheet HTML 14Page - Analog Devices AD5262 Datasheet HTML 15Page - Analog Devices AD5262 Datasheet HTML 16Page - Analog Devices AD5262 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
–13–
AD5260/AD5262
CODE – Decimal
0
256
0.01
100
0.1
1
10
32
64
96
128 160 192 224
RAB = 200k
VA = VB = OPEN
TA = 25 C
RAB = 50k
RAB = 20k
TPC 27. IMAX vs. Code
HOURS OF OPERATION AT 150 C
0
500
–0.20
0.10
–0.10
0
0.05
100
200 250 300 350 400 450
AVG –3
CODE = 80H
VDD = VSS = 5V
SS = 135 UNITS
50
150
–0.05
–0.15
AVG +3
AVG
TPC 28. Long-Term Resistance Drift
CHANNEL-TO-CHANNEL RAB MATCH – %
–0.50
0
40
30
CODE SET TO MID-SCALE
TA = 150 C
3 LOTS
SAMPLE SIZE = 135
20
10
–0.40 –0.30 –0.20 –0.10
0
0.10 0.20
TPC 29. Channel-to-Channel
Resistance Matching (AD5262)
VMS
A
W
B
DUT
V
V+ = VDD
1LSB = V+/2N
Test Circuit 1. Potentiometer Divider
Nonlinearity Error (INL, DNL)
NC
IW
VMS
A
W
B
DUT
NC = NO CONNECT
Test Circuit 2. Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
VMS1
IW = VDD /RNOMINAL
VMS2
VW
RW = [VMS1 – VMS2]/IW
A
W
B
DUT
Test Circuit 3. Wiper Resistance
VMS%
VDD%
PSS (%/%) =
V+= VDD 10%
PSRR (dB) = 20 LOG
VMS
VDD
(
)
VDD
VA
VMS
A
W
B
V+
Test Circuit 4. Power Supply Sensitivity (PSS, PSSR)
+13V
–13V
W
A
B
VOUT
OFFSET
GND
DUT
AD8610
VIN
Test Circuit 5. Gain vs. Frequency
W
B
VSS TO VDD
DUT
ISW
CODE = 00H
RSW =
0.1V
ISW
0.1V
A = NC
Test Circuit 6. Incremental ON Resistance
W
B
VCM
ICM
A
NC
GND
NC
VSS
VDD
DUT
Test Circuit 7. Common-Mode Leakage Current
TEST CIRCUITS
Test Circuits 1 to 9 define the test conditions used in the product specification table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com