Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5262 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5262
Description  1-/2-Channel 15 V Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262 Datasheet(HTML) 2 Page - Analog Devices

  AD5262 Datasheet HTML 1Page - Analog Devices AD5262 Datasheet HTML 2Page - Analog Devices AD5262 Datasheet HTML 3Page - Analog Devices AD5262 Datasheet HTML 4Page - Analog Devices AD5262 Datasheet HTML 5Page - Analog Devices AD5262 Datasheet HTML 6Page - Analog Devices AD5262 Datasheet HTML 7Page - Analog Devices AD5262 Datasheet HTML 8Page - Analog Devices AD5262 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD5260/AD5262–SPECIFICATIONS
(VDD = +15 V, VSS = 0 V or, VDD = +5 V, VSS = –5 V, VL = +5 V, VA = +5 V,
VB = 0 V, – 40 C < TA < +85 C unless otherwise noted.)
ELECTRICAL CHARACTERISTICS 20 k
W, 50 kW, 200 kW VERSIONS
Parameter
Symbol
Conditions
Min
Typ
1
Max
Unit
DC CHARACTERISTICS RHEOSTAT MODE Specifications apply to all VRs
Resistor Differential NL
2
R-DNL
RWB, VA =NC
–1
±1/4
+1
LSB
Resistor Nonlinearity
2
R-INL
RWB, VA =NC
–1
±1/2
+1
LSB
Nominal Resistor Tolerance3
RAB
TA = 25
∞C
–30
30
%
Resistance Temperature Coefficient
RAB/ TWiper = No Connect
35
ppm/
∞C
Wiper Resistance
RW
IW = 1 V/RAB
60
150
W
Channel Resistance Matching (AD5262 only)
RWB/RWB
Ch 1 and 2 RWB, DX = 80H
0.1
%
Resistance Drift
RAB
0.05
%
DC CHARACTERISTICS POTENTIOMETER DIVIDER MODE Specifications apply to all VRs
Resolution
N
8
Bits
Differential Nonlinearity
4
DNL
–1
±1/4
+1
LSB
Integral Nonlinearity
4
INL
–1
±1/2
+1
LSB
Voltage Divider Temperature Coefficient
DVW/DTCode = 80H
5
ppm/
∞C
Full-Scale Error
VWFSE
Code = FFH
–2
–1
+0
LSB
Zero-Scale Error
VWZSE
Code = 00H
01
2LSB
RESISTOR TERMINALS
Voltage Range
5
VA, B, W
VSS
VDD
V
Capacitance
6 Ax, Bx
CA,B
f = 5 MHz,
25
pF
measured to GND, Code = 80H
Capacitance
6 Wx
CW
f = 1 MHz,
55
pF
measured to GND, Code = 80H
Common-Mode Leakage Current
ICM
VA =VB = VDD /2
1
nA
Shut Down Current
7
ISHDN
5
mA
DIGITAL INPUTS and OUTPUTS
Input Logic High
VIH
2.4
V
Input Logic Low
VIL
0.8
V
Input Logic High
VIH
VL = 3 V, VSS = 0 V
2.1
V
Input Logic Low
VIL
VL = 3 V, VSS = 0 V
0.6
V
Output Logic High (SDO)
VOH
RPULL-UP = 2 k
W to 5 V
4.9
V
Output Logic Low (SDO)
VOL
IOL = 1.6 mA, VLOGIC = 5 V
0.4
V
Input Current
8
IIL
VIN = 0 V or 5 V
±1
mA
Input Capacitance
6
CIL
5pF
POWER SUPPLIES
Logic Supply
VL
2.7
5.5
V
Power Single-Supply Range
VDD RANGE
VSS = 0 V
4.5
16.5
V
Power Dual-Supply Range
VDD/SS RANGE
±4.5
±5.5
V
Logic Supply Current
IL
VL =5 V
60
mA
Positive Supply Current
IDD
VIH = 5 V or VIL = 0 V
1
mA
Negative Supply Current
ISS
VSS = –5 V
1
mA
Power Dissipation
9
PDISS
VIH = 5 V or VIL = 0 V,
0.3
mW
VDD = +5 V, VSS = –5 V
Power Supply Sensitivity
PSS
DVDD = +5 V, ±10%
0.003
0.01
%/%
DYNAMIC CHARACTERISTICS6, 10
Bandwidth –3 dB
BW
RAB = 20 k
W/50 kW/200 kW
310/130/30
kHz
Total Harmonic Distortion
THDW
VA = 1 VRMS, VB = 0 V,
0.014
%
f= 1 kHz, RAB = 20 k
W
VW Settling Time
tS
VA = +5 V, VB = –5 V,
5
ms
±1 LSB error band, RAB = 20 kW
Crosstalk11
CT
VA = VDD, VB =0 V,
Measure VW with Adjacent
RDAC Making Full-Scale
1
nV–s
Code Change (AD5262 only)
Analog Crosstalk
CTA
VA1 = VDD, VB1 = 0V,
Measure VW1 with
VW2 = 5 V p-p @ f = 10 kHz,
–64
dB
RAB = 20 k
W/200 kW(AD5262 only)
Resistor Noise Voltage
eN_WB
RWB = 20 k
W
13
nV/
÷Hz
f = 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com