Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5262 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5262
Description  1-/2-Channel 15 V Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5262 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5262 Datasheet HTML 7Page - Analog Devices AD5262 Datasheet HTML 8Page - Analog Devices AD5262 Datasheet HTML 9Page - Analog Devices AD5262 Datasheet HTML 10Page - Analog Devices AD5262 Datasheet HTML 11Page - Analog Devices AD5262 Datasheet HTML 12Page - Analog Devices AD5262 Datasheet HTML 13Page - Analog Devices AD5262 Datasheet HTML 14Page - Analog Devices AD5262 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
–11–
AD5260/AD5262
TEMPERATURE – C
–40
100
–2.5
–20
20
80
0
–2.0
–1.0
–1.5
–0.5
40
VDD/VSS = +15V/0V
060
VDD/VSS = +5V/0V
VDD/VSS = 5V
TPC 10. Full-Scale Error
TEMPERATURE – C
–40
125
24.5
–7
26
92
28.0
25.5
26.5
59
VDD/VSS = +15V/0V
25.0
26.0
27.5
VDD/VSS = 5V
27.0
TPC 13. ILOGIC vs. Temperature
TEMPERATURE – C
–40
100
0
–20
20
80
2.5
0.5
1.5
1.0
2.0
40
060
VDD/VSS = +5V/0V
VDD/VSS = 5V
VDD/VSS = +15V/0V
TPC 11. Zero-Scale Error
VIH – V
0
5
10
1k
100
VDD/VSS = 5V/0V VLOGIC = 5V
VDD/VSS = 5V/0V VLOGIC = 3V
1234
TPC 14. ILOGIC vs. Digital Input
Voltage
TEMPERATURE – C
–40
125
0.001
–7
26
92
1
0.01
0.1
59
VDD/VSS = 15V/0V
VDD/VSS = 5V
VLOGIC = 5V
VIH = 5V
VIL = 0V
TPC 12. Supply Current vs.
Temperature
CODE – Decimal
0
256
–20
80
20k
64
96
160
224
–10
192
128
32
0
10
20
30
40
50
60
70
50k
200k
TPC 15. Rheostat Mode Tempco
DRWB/DT vs. Code
CODE – Decimal
0
256
–60
120
20k
64
96
160
224
–40
192
128
32
–20
0
20
40
60
80
100
50k
200k
TPC 16. Potentiometer Mode
DVWB/DT vs. Code
FREQUENCY – Hz
1k
1M
–54
6
–48
–42
–36
–30
–24
–18
–12
–6
0
10k
100k
CODE = FFH
01H
02H
04H
08H
10H
20H
40H
80H
TA = 25 C
TPC 17. Gain vs. Frequency vs.
Code, RAB = 20 k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com