Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5313 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5313 Datasheet HTML 2Page - Analog Devices AD5313 Datasheet HTML 3Page - Analog Devices AD5313 Datasheet HTML 4Page - Analog Devices AD5313 Datasheet HTML 5Page - Analog Devices AD5313 Datasheet HTML 6Page - Analog Devices AD5313 Datasheet HTML 7Page - Analog Devices AD5313 Datasheet HTML 8Page - Analog Devices AD5313 Datasheet HTML 9Page - Analog Devices AD5313 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
REV. 0
AD5303/AD5313/AD5323
–6–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
CLR
Active low control input that loads all zeroes to both input and DAC registers.
2
LDAC
Active low control input that transfers the contents of the input registers to their respective DAC
registers. Pulsing this pin low allows either or both DAC registers to be updated if the input regis-
ters have new data. This allows simultaneous update of both DAC outputs
3VDD
Power Supply Input. These parts can be operated from +2.5 V to +5.5 V and the supply should be
decoupled to GND.
4VREFB
Reference Input Pin for DAC B. This is the reference for DAC B. It may be configured as a buff-
ered or an unbuffered input, depending on the state of the BUF B pin. It has an input range from
0 V to VDD in unbuffered mode and from 1 V to VDD in buffered mode.
5VREFA
Reference Input Pin for DAC A. This is the reference for DAC A. It may be configured as a
buffered or an unbuffered input depending on the state of the BUF A pin. It has an input range
from 0 to VDD in unbuffered mode and from 1 V to VDD in buffered mode.
6VOUTA
Buffered Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
7
BUF A
Control pin that controls whether the reference input for DAC A is unbuffered or buffered. If this
pin is tied low, the reference input is unbuffered. If it is tied high, the reference input is buffered.
8
BUF B
Control pin that controls whether the reference input for DAC B is unbuffered or buffered. If this
pin is tied low, the reference input is unbuffered. If it is tied high, the reference input is buffered.
9
DCEN
This pin is used to enable the daisy-chaining option. This should be tied high if the part is being
used in a daisy-chain. The pin should be tied low if it is being used in stand-alone mode.
10
PD
Active low control input that acts as a hardware power-down option. This pin overrides any soft-
ware power-down option. Both DACs go into power-down mode when this pin is tied low. The
DAC outputs go into a high impedance state and the current consumption of the part drops to
200 nA @ 5 V (50 nA @ 3 V).
11
VOUTB
Buffered Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
12
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When
SYNC goes low, it powers-on the SCLK and DIN buffers and enables the input shift register. Data
is transferred in on the falling edges of the following 16 clocks. If SYNC is taken high before the
16th falling edge, the rising edge of SYNC acts as an interrupt and the write sequence is
ignored by the device.
13
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock
input. Data can be transferred at rates up to 30 MHz. The SCLK input buffer is powered-down
after each write cycle.
14
DIN
Serial Data Input. This device has a 16-bit shift register. Data is clocked into the register on the
falling edge of the serial clock input. The DIN input buffer is powered-down after each write cycle.
15
GND
Ground reference point for all circuitry on the part.
16
SDO
Serial Data Output that can be used for daisy-chaining a number of these devices together or for
reading back the data in the shift register for diagnostic purposes. The serial data output is valid on
the falling edge of the clock.
TERMINOLOGY
RELATIVE ACCURACY
For the DAC, relative accuracy or integral nonlinearity (INL) is
a measure of the maximum deviation, in LSBs, from a straight
line passing through the actual endpoints of the DAC transfer
function. A typical INL vs. code plot can be seen in Figure 5.
DIFFERENTIAL NONLINEARITY
Differential nonlinearity (DNL) is the difference between the
measured change and the ideal 1 LSB change between any two
adjacent codes. A specified DNL of
±1 LSB maximum ensures
monotonicity. This DAC is guaranteed monotonic by design. A
typical DNL vs. code plot can be seen in Figure 8.
OFFSET ERROR
This is a measure of the offset error of the DAC and the output
amplifier. It is expressed as a percentage of the full-scale range.
GAIN ERROR
This is a measure of the span error of the DAC. It is the devia-
tion in slope of the actual DAC transfer characteristic from the
ideal expressed as a percentage of the full-scale range.
OFFSET ERROR DRIFT
This is a measure of the change in offset error with changes in
temperature. It is expressed in (ppm of full-scale range)/
°C.
GAIN ERROR DRIFT
This is a measure of the change in gain error with changes in
temperature. It is expressed in (ppm of full-scale range)/
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com