Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5313 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 3 Page - Analog Devices

  AD5313 Datasheet HTML 1Page - Analog Devices AD5313 Datasheet HTML 2Page - Analog Devices AD5313 Datasheet HTML 3Page - Analog Devices AD5313 Datasheet HTML 4Page - Analog Devices AD5313 Datasheet HTML 5Page - Analog Devices AD5313 Datasheet HTML 6Page - Analog Devices AD5313 Datasheet HTML 7Page - Analog Devices AD5313 Datasheet HTML 8Page - Analog Devices AD5313 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
REV. 0
AD5303/AD5313/AD5323
–3–
AC CHARACTERISTICS
1 (VDD = +2.5 V to +5.5 V; RL = 2 k
to GND; CL = 200 pF to GND; all specifications TMIN to TMAX unless
otherwise noted.)
B Version
3
Parameter
2
Min
Typ
Max
Units
Conditions/Comments
Output Voltage Settling Time
VREF = VDD = +5 V
AD5303
6
8
µs
1/4 Scale to 3/4 Scale Change (40 Hex to C0 Hex)
AD5313
7
9
µs
1/4 Scale to 3/4 Scale Change (100 Hex to 300 Hex)
AD5323
8
10
µs
1/4 Scale to 3/4 Scale Change (400 Hex to C00 Hex)
Slew Rate
0.7
V/
µs
Major-Code Transition Glitch Energy
12
nV-s
1 LSB Change Around Major Carry
(011 . . . 11 to 100 . . . 00)
Digital Feedthrough
0.10
nV-s
Analog Crosstalk
0.01
nV-s
DAC-to-DAC Crosstalk
0.01
nV-s
Multiplying Bandwidth
200
kHz
VREF = 2 V
± 0.1 V p-p. Unbuffered Mode
Total Harmonic Distortion
–70
dB
VREF = 2.5 V
± 0.1 V p-p. Frequency = 10 kHz
NOTES
1Guaranteed by design and characterization, not production tested.
2See Terminology.
3Temperature range: B Version: –40
°C to +105°C.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2, 3
Limit at TMIN, TMAX
Parameter
(B Version)
Units
Conditions/Comments
t1
33
ns min
SCLK Cycle Time
t2
13
ns min
SCLK High Time
t3
13
ns min
SCLK Low Time
t4
0
ns min
SYNC to SCLK Rising Edge Setup Time
t5
5
ns min
Data Setup Time
t6
4.5
ns min
Data Hold Time
t7
0
ns min
SCLK Falling Edge to SYNC Rising Edge
t8
100
ns min
Minimum SYNC High Time
t9
20
ns min
LDAC Pulsewidth
t10
20
ns min
SCLK Falling Edge to LDAC Rising Edge
t11
20
ns min
CLR Pulsewidth
t12
4, 5
5
ns min
SCLK Falling Edge to SDO Invalid
t13
4, 5
20
ns max
SCLK Falling Edge to SDO Valid
t14
5
0
ns min
SCLK Falling Edge to SYNC Rising Edge
t15
5
10
ns min
SYNC Rising Edge to SCLK Rising Edge
NOTES
1Guaranteed by design and characterization, not production tested.
2All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of (V IL + VIH)/2.
3See Figures 1 and 2.
4These are measured with the load circuit of Figure 1.
5Daisy-Chain Mode only (see Figure 45).
Specifications subject to change without notice.
(VDD = +2.5 V to +5.5 V; all specifications TMIN to TMAX unless otherwise noted.)
NOTES
1See Terminology.
2Temperature range: B Version: –40
°C to +105°C.
3DC specifications tested with the outputs unloaded.
4Linearity is tested using a reduced code range: AD5303 (Code 8 to 248); AD5313 (Code 28 to 995); AD5323 (Code 115 to 3981).
5Guaranteed by design and characterization, not production tested.
6In order for the amplifier output to reach its minimum voltage, Offset Error must be negative. In order for the amplifier output to reach its maximum voltage, V
REF =
VDD and “Offset plus Gain” Error must be positive.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com