Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5313 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5313 Datasheet HTML 9Page - Analog Devices AD5313 Datasheet HTML 10Page - Analog Devices AD5313 Datasheet HTML 11Page - Analog Devices AD5313 Datasheet HTML 12Page - Analog Devices AD5313 Datasheet HTML 13Page - Analog Devices AD5313 Datasheet HTML 14Page - Analog Devices AD5313 Datasheet HTML 15Page - Analog Devices AD5313 Datasheet HTML 16Page - Analog Devices AD5313 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
REV. 0
AD5303/AD5313/AD5323
–13–
contents of the input registers. In the case of the AD5303/AD5313/
AD5323, the part will only update the DAC register if the input
register has been changed since the last time the DAC register
was updated thereby removing unnecessary digital crosstalk.
POWER-DOWN MODES
The AD5303/AD5313/AD5323 have very low power consump-
tion, dissipating only 0.7 mW with a 3 V supply and 1.5 mW
with a 5 V supply. Power consumption can be further reduced
when the DACs are not in use by putting them into one of three
power-down modes, which are selected by Bits 13 and 12 (PD1
and PD0) of the control word. Table II shows how the state of
the bits corresponds to the mode of operation of that particular
DAC.
Table II. PD1/PD0 Operating Modes
PD1
PD0
Operating Mode
0
0
Normal Operation
0
1
Power-Down (1 k
Ω Load to GND)
1
0
Power-Down (100 k
Ω Load to GND)
1
1
Power-Down (High Impedance Output)
When both bits are set to 0, the DACs work normally with their
normal power consumption of 300
µA at 5 V. However, for the
three power-down modes, the supply current falls to 200 nA at
5 V (50 nA at 3 V) when both DACs are powered down. Not
only does the supply current drop but the output stage is also
internally switched from the output of the amplifier to a resistor
network of known values. This has the advantage that the out-
put impedance of the part is known while the part is in power-
down mode and provides a defined input condition for whatever
is connected to the output of the DAC amplifier. There are
three different options. The output is connected internally to
GND through a 1 k
Ω resistor, a 100 kΩ resistor or it is left in a
high impedance state (Three-State). The output stage is illus-
trated in Figure 32.
The bias generator, the output amplifier, the resistor string and
all other associated linear circuitry are all shut down when the
power-down mode is activated. However, the contents of the
registers are unaffected when in power-down. The time to exit
power-down is typically 2.5
µs for V
DD = 5 V and 5
µs when
VDD = 3 V. See Figure 22 for a plot.
The software power-down modes programmed by PD0 and
PD1 are overridden by the PD pin. Taking this pin low puts
both DACs into power-down mode simultaneously and both
outputs are put into a high impedance state. If PD is not used it
should be tied high.
AMPLIFIER
POWER-DOWN
CIRCUITRY
RESISTOR
NETWORK
RESISTOR
STRING DAC
VOUT
Figure 32. Output Stage During Power-Down
MICROPROCESSOR INTERFACING
AD5303/AD5313/AD5323 to ADSP-2101/ADSP-2103 Interface
Figure 33 shows a serial interface between the AD5303/AD5313/
AD5323 and the ADSP-2101/ADSP-2103. The ADSP-2101/
ADSP-2103 should be set up to operate in the SPORT Trans-
mit Alternate Framing Mode. The ADSP-2101/ADSP-2103
SPORT is programmed through the SPORT control register
and should be configured as follows: Internal Clock Operation,
Active-Low Framing, 16-Bit Word Length. Transmission is
initiated by writing a word to the Tx register after the SPORT
has been enabled.
SCLK
DIN
SYNC
TFS
DT
SCLK
ADSP-2101/
ADSP-2103*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5303/
AD5313/
AD5323*
Figure 33. AD5303/AD5313/AD5323 to ADSP-2101/ADSP-
2103 Interface
AD5303/AD5313/AD5323 to 68HC11/68L11 Interface
Figure 34 shows a serial interface between the AD5303/AD5313/
AD5323 and the 68HC11/68L11 microcontroller. SCK of the
68HC11/68L11 drives the SCLK of the AD5303/AD5313/
AD5323, while the MOSI output drives the serial data line
(DIN) of the DAC. The SYNC signal is derived from a port line
(PC7). The setup conditions for correct operation of this inter-
face are as follows: the 68HC11/68L11 should be configured so
that its CPOL bit is a 0 and its CPHA bit is a 1. When data is
being transmitted to the DAC, the SYNC line is taken low
(PC7). When the 68HC11/68L11 is configured as above, data
appearing on the MOSI output is valid on the falling edge of
SCK. Serial data from the 68HC11/68L11 is transmitted in
8-bit bytes with only eight falling clock edges occurring in the
transmit cycle. Data is transmitted MSB first. In order to load
data to the AD5303/AD5313/AD5323, PC7 is left low after the
first eight bits are transferred, a second serial write operation is
performed to the DAC and PC7 is taken high at the end of this
procedure.
DIN
SCLK
SYNC
PC7
SCK
MOSI
68HC11/68L11*
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD5303/
AD5313/
AD5323*
Figure 34. AD5303/AD5313/AD5323 to 68HC11/68L11
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com