Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5313 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5313
Description  2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5313 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5313 Datasheet HTML 8Page - Analog Devices AD5313 Datasheet HTML 9Page - Analog Devices AD5313 Datasheet HTML 10Page - Analog Devices AD5313 Datasheet HTML 11Page - Analog Devices AD5313 Datasheet HTML 12Page - Analog Devices AD5313 Datasheet HTML 13Page - Analog Devices AD5313 Datasheet HTML 14Page - Analog Devices AD5313 Datasheet HTML 15Page - Analog Devices AD5313 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
REV. 0
AD5303/AD5313/AD5323
–12–
SERIAL INTERFACE
The AD5303/AD5313/AD5323 are controlled over a versatile,
3-wire serial interface, which operates at clock rates up to
30 MHz and is compatible with SPI, QSPI, MICROWIRE and
DSP interface standards.
Input Shift Register
The input shift register is 16 bits wide. Data is loaded into the
device as a 16-bit word under the control of a serial clock input,
SCLK. The timing diagram for this operation is shown in Fig-
ure 2. The 16-bit word consists of four control bits followed by
8, 10 or 12 bits of DAC data, depending on the device type.
The first bit loaded is the MSB (Bit 15), which determines
whether the data is for DAC A or DAC B. Bit 14 determines the
output range (0–VREF or 0–2 VREF). Bits 13 and 12 control the
operating mode of the DAC.
Table I. Control Bits
Power-On
Bit
Name
Function
Default
15
A/B
0: Data Written to DAC A
N/A
1: Data Written to DAC B
14
GAIN
0: Output Range of 0–VREF
0
1: Output Range of 0-2 VREF
13
PD1
Mode Bit
0
12
PD0
Mode Bit
0
The remaining bits are DAC data bits, starting with the MSB
and ending with the LSB. The AD5323 uses all 12 bits of DAC
data, the AD5313 uses 10 bits and ignores the two LSBs. The
AD5303 uses eight bits and ignores the last four bits. The data
format is straight binary, with all zeroes corresponding to 0 V out-
put, and all ones corresponding to full-scale output (VREF – 1 LSB).
The SYNC input is a level-triggered input that acts as a frame
synchronization signal and chip enable. Data can only be trans-
ferred into the device while SYNC is low. To start the serial
data transfer, SYNC should be taken low observing the mini-
mum SYNC to SCLK active edge setup time, t4. After SYNC
goes low, serial data will be shifted into the device’s input shift
register on the falling edges of SCLK for 16 clock pulses. Any
data and clock pulses after the 16th will be ignored, and no
further serial data transfer will occur until SYNC is taken high
and low again.
SYNC may be taken high after the falling edge of the 16th
SCLK pulse, observing the minimum SCLK falling edge to
SYNC rising edge time, t
7.
After the end of serial data transfer, data will automatically be
transferred from the input shift register to the input register of
the selected DAC. If SYNC is taken high before the 16th falling
edge of SCLK, the data transfer will be aborted and the input
registers will not be updated.
When data has been transferred into both input registers, the
DAC registers of both DACs may be simultaneously updated,
by taking LDAC low. CLR is an active-low, asynchronous clear
that clears the input and DAC registers of both DACs to all zeroes.
Low Power Serial Interface
To reduce the power consumption of the device even further,
the interface only powers up fully when the device is being writ-
ten to. As soon as the 16-bit control word has been written to
the part, the SCLK and DIN input buffers are powered-down.
They only power-up again following a falling edge of SYNC.
Double-Buffered Interface
The AD5303/AD5313/AD5323 DACs all have double-buffered
interfaces consisting of two banks of registers—input registers
and DAC registers. The input register is connected directly to
the input shift register and the digital code is transferred to the
relevant input register on completion of a valid write sequence.
The DAC register contains the digital code used by the resistor
string.
Access to the DAC register is controlled by the LDAC function.
When LDAC is high, the DAC register is latched and the input
register may change state without affecting the contents of the
DAC register. However, when LDAC is brought low, the DAC
register becomes transparent and the contents of the input regis-
ter are transferred to it.
This is useful if the user requires simultaneous updating of both
DAC outputs. The user may write to both input registers indi-
vidually and then, by pulsing the LDAC input low, both outputs
will update simultaneously.
These parts contain an extra feature whereby the DAC register
is not updated unless its input register has been updated since
the last time that LDAC was brought low. Normally, when
LDAC is brought low, the DAC registers are filled with the
A/B GAIN PD1 PD0
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
DB0 (LSB)
DB15 (MSB)
DATA BITS
Figure 29. AD5303 Input Shift Register Contents
A/B GAIN PD1 PD0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
DB0 (LSB)
DB15 (MSB)
DATA BITS
Figure 30. AD5313 Input Shift Register Contents
A/B GAIN PD1 PD0 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DB0 (LSB)
DB15 (MSB)
DATA BITS
Figure 31. AD5323 Input Shift Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com