Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT6708 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ALT6708
Description  HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6708 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ALT6708 Datasheet HTML 1Page - ANADIGICS, Inc ALT6708 Datasheet HTML 2Page - ANADIGICS, Inc ALT6708 Datasheet HTML 3Page - ANADIGICS, Inc ALT6708 Datasheet HTML 4Page - ANADIGICS, Inc ALT6708 Datasheet HTML 5Page - ANADIGICS, Inc ALT6708 Datasheet HTML 6Page - ANADIGICS, Inc ALT6708 Datasheet HTML 7Page - ANADIGICS, Inc ALT6708 Datasheet HTML 8Page - ANADIGICS, Inc ALT6708 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Data Sheet - Rev 2.3
03/2012
ALT6708
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
overtheconditionsdefinedintheelectricalspecifications.
PARAMETER
MIN
MAX
UNIT
SupplyVoltage(VCC)
0
+5
V
Battery Voltage (VBATT)
0
+6
V
ControlVoltages(VMODE1, VMODE2, VEN)
0
+3.5
V
RFInputPower(PIN)
-
+10
dBm
StorageTemperature(TSTG)
-40
+150
°C
Notes:
(1) For operation at 3.1 V, POUT is derated by 0.8 dB.
(2) LTE waveform characteristics: up to 15MHz, QPSK, RB = 16.
(3) For Operation at +105 °C, POUT is derated by 1.0 dB.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)
880
-915
MHz
Supply Voltage (VCC)+3.1+3.4+4.35
VPOUT < +28.8 dBm
Enable Voltage (VEN)
+1.35
0
+1.8
-
+3.1
+0.5
V
PA "on"
PA "shut down"
Mode Control Voltage (VMODE1,VMODE2)
+1.35
0
+1.8
-
+3.1
+0.5
V
Low Bias Mode
High Bias Mode
WCDMA/UMTS Output Power
R99 WCDMA, HPM
HSPA (MPR=0), HPM
LTE
R99 WCDMA, MPM
LTE & HSPA (MPR=0), MPM
R99 WCDMA, LPM
LTE & HSPA (MPR=0), LPM
28.0
26.9
26.9
-
-
-
28.8
27.7
27.7
17.0
16.0
7.5
6.5
-
-
-
-
-
-
dBm
3GPP TS 34.121-1, Rel 8
Table C.11.1.3,
SUBTEST 1
TS 36.101 Rel 8 for LTE
Case Temperature (TC)-40
-+90
°C
(1, 3)
(2)
(2)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com