Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT6708 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # ALT6708
Description  HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6708 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button ALT6708 Datasheet HTML 2Page - ANADIGICS, Inc ALT6708 Datasheet HTML 3Page - ANADIGICS, Inc ALT6708 Datasheet HTML 4Page - ANADIGICS, Inc ALT6708 Datasheet HTML 5Page - ANADIGICS, Inc ALT6708 Datasheet HTML 6Page - ANADIGICS, Inc ALT6708 Datasheet HTML 7Page - ANADIGICS, Inc ALT6708 Datasheet HTML 8Page - ANADIGICS, Inc ALT6708 Datasheet HTML 9Page - ANADIGICS, Inc ALT6708 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Data Sheet - Rev 2.3
03/2012
ALT6708
PERFORMANCE DATA PLOTS:
(WCDMAOperationat897.5MHzand50V system)
Figure4:WCDMAGain(dB)overTemperature
(VBATT=VCC=+3.4V)
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
Pout (dBm)
Figure4:WCDMAGain(dB)overTemperature
(Vbatt=VCC=3.4V)
-30C 3.4Vcc
25C 3.4Vcc
90C 3.4Vcc
0
5
10
15
20
25
30
0
5
10
15
20
25
30
Pout (dBm)
Figure5:WCDMAGain(dB)overVoltage
(Tc=25C)
25C 3.2Vcc
25C 3.4Vcc
25C 4.35Vcc
Figure5:WCDMAGain(dB)overVoltage
(TC=258C)
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
Pout (dBm)
Figure6:WCDMAPAE(%)overTemperature
(Vbatt=VCC=3.4V)
-30 3.4cc
25C 3.4Vcc
90C 3.4Vcc
Figure6:WCDMAPAE(%)overTemperature
(VBATT=VCC=+3.4V)
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
Pout (dBm)
Figure7:WCDMAPAE(%)overVoltage
(Tc=25C)
25C 3.2Vcc
25C 3.4Vcc
25C 4.35Vcc
Figure7:WCDMAPAE(%)overVoltage
(TC=258C)
Figure8:WCDMAACLR1(dBc)overTemperature
(VBATT=VCC=+3.4V)
-60
-55
-50
-45
-40
-35
-30
-25
-20
0
5
10
15
20
25
30
Pout (dBm)
Figure8:WCDMAACRL1(dBc)overTemperature
(Vbatt=VCC=3.4V)
-30C 3.4Vcc
25C 3.4Vcc
90C 3.4Vcc
Figure9:WCDMAACLR1(dBc)overVoltage
(TC=258C)
-60
-55
-50
-45
-40
-35
-30
-25
-20
0
5
10
15
20
25
30
Pout (dBm)
Figure9:WCDMAACLR1(dBc)overVoltage
(Tc=25C)
25C 3.2Vcc
25C 3.4Vcc
25C 4.35Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com