Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT6708 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # ALT6708
Description  HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6708 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  ALT6708 Datasheet HTML 1Page - ANADIGICS, Inc ALT6708 Datasheet HTML 2Page - ANADIGICS, Inc ALT6708 Datasheet HTML 3Page - ANADIGICS, Inc ALT6708 Datasheet HTML 4Page - ANADIGICS, Inc ALT6708 Datasheet HTML 5Page - ANADIGICS, Inc ALT6708 Datasheet HTML 6Page - ANADIGICS, Inc ALT6708 Datasheet HTML 7Page - ANADIGICS, Inc ALT6708 Datasheet HTML 8Page - ANADIGICS, Inc ALT6708 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Data Sheet - Rev 2.3
03/2012
ALT6708
Table5:ElectricalSpecifications-WCDMAOperation(R99Modulation)
(TC=+25°C,VCC=+3.4V,VBATT=+3.4V,VEN =+1.8V,50Ω system)
Notes:
(1) ACLR and Efficiency measured at 897.5 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1 VMODE2
Gain
25
14
9
27.5
17.5
12.5
31
21
16
dB
POUT = +28.8 dBm
POUT = +17 dBm
POUT = +7.5 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR1at5MHzoffset(1)
-
-
-
-41
-42
-41
-37
-37
-37
dBc
POUT = +28.8 dBm
POUT = +17 dBm
POUT = +7.5 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
ACLR2at10MHzoffset
-
-
-
-55
-57
-59
-48
-48
-48
dBc
POUT = +28.8 dBm
POUT = +17 dBm
POUT = +7.5 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Power-AddedEfficiency(1)
36
22
-
13
-
40
26
17
18
10
-
-
-
-
-
%
POUT = +28.8 dBm
POUT = +17 dBm
POUT = +13.5 dBm
POUT = +7.5 dBm
POUT = +3.5 dBm
0 V
1.8 V
1.8 V
1.8 V
1.8 V
0 V
0 V
0 V
1.8 V
1.8 V
SpuriousOutputLevel
(allspuriousoutputs)
-
-
<-70
dBc
POUT +28.8 dBm
In-bandlandVSWR<5:1
Out-of-bandloadVSWR<10:1
Appliesoveralloperatingranges
Loadmismatchstresswithno
permanentdegradationorfailure
8:1
-
-
VSWR
Appliesoverfulloperatingrange



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com