Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALT6708 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ALT6708
Description  HELP4 UMTS900 (Band 8) WCDMA, LTE Linear PAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6708 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ALT6708 Datasheet HTML 3Page - ANADIGICS, Inc ALT6708 Datasheet HTML 4Page - ANADIGICS, Inc ALT6708 Datasheet HTML 5Page - ANADIGICS, Inc ALT6708 Datasheet HTML 6Page - ANADIGICS, Inc ALT6708 Datasheet HTML 7Page - ANADIGICS, Inc ALT6708 Datasheet HTML 8Page - ANADIGICS, Inc ALT6708 Datasheet HTML 9Page - ANADIGICS, Inc ALT6708 Datasheet HTML 10Page - ANADIGICS, Inc ALT6708 Datasheet HTML 11Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Data Sheet - Rev 2.3
03/2012
ALT6708
APPLICATION INFORMATION
To ensure proper performance, refer to all related
Application Notes on theANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
Thepoweramplifiermaybeplacedinashutdownmode
byapplyinglogiclowlevels(seeOperatingRanges
table)totheVEN, VMODE1 and VMODE2 voltages.
Bias Modes
The power amplifier may be placed in either Low,
Medium or High Bias modes by applying the
appropriatelogiclevel(seeOperatingRangestable)
Table 6: Bias Control
to the VMODEvoltages.TheBiasControltablebelow
liststherecommendedmodesofoperationforvarious
applications.
Threeoperatingmodesarerecommendedtooptimize
currentconsumption.HighBias/HighPoweroperating
modeisforPOUTlevels>16dBm.At~17dBm-6.5
dBm,thePAshouldbe“ModeSwitched”toMedium
Power Mode. For POUT levels < ~7.5 dBm, the PA
canbeswitchedtoLowPowerModeforevenlower
quiescentcurrentconsumption.
Figure 10: Evaluation Board Schematic
C3
330 pF
C4
2.2 µF ceramic
RFIN
1
6
7
10
8
5
4
3
VBATT
VMODE1
RFOUT
RFIN
GND
VCC
VEN
CPLOUT
VCC
C1
0.01 µF
VBATT
VMODE1
VEN
CPLIN
VMODE2
29
VMODE2
C5
2.2 µF
C2
0.01 µF
GND at slug
CPLIN
CPLOUT
RFOUT
C9
100 pF
APPLICATION
POUT
LEVELS
BIAS
MODE
VEN
VMODE1 VMODE2
vcc
VBATT
Lowpower
(LowBiasMode)
+7.5 dBm
Low
+1.8 V
+1.8 V
+1.8 V 3.1 - 4.35 V
> 3.1 V
Medpower
(MediumBiasMode)
>+6.5dBm

+17 dBm
Low
+1.8 V
+1.8 V
0 V
3.1 - 4.35 V
> 3.1 V
Highpower
(HighBiasMode)
>+16dBm
High
+1.8 V
0 V
0 V
3.1 - 4.35 V
> 3.1 V
Shutdown
-
Shutdown
0 V
0 V
0 V
3.1 - 4.35 V
> 3.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com