Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53508 Datasheet(PDF) 6 Page - Analog Devices

Part # AD53508
Description  PPMU Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53508 Datasheet(HTML) 6 Page - Analog Devices

  AD53508 Datasheet HTML 1Page - Analog Devices AD53508 Datasheet HTML 2Page - Analog Devices AD53508 Datasheet HTML 3Page - Analog Devices AD53508 Datasheet HTML 4Page - Analog Devices AD53508 Datasheet HTML 5Page - Analog Devices AD53508 Datasheet HTML 6Page - Analog Devices AD53508 Datasheet HTML 7Page - Analog Devices AD53508 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD53508
–6–
REV. 0
PPMU APPLICATION NOTES
The PPMU can be used in two modes: 1. VOLTAGE FORCE
with CURRENT MEASURE or VERIFY CURRENT FORCE;
2. CURRENT FORCE with VOLTAGE MEASURE or
VERIFY VOLTAGE FORCE. In both modes the following
setup is recommended:
1. The value of the external integrate capacitor (EXT_RC to
C1) is 10 nF.
2. MEAS_OUT pin is loaded with 1 M
Ω to ground.
3. VCC = +15.0 V, VDD = +4.5 V, DIGGND = 0.0 V,
VEE = –10 V, DSR = 2.5 V unless otherwise stated.
4.
A 10
Ω resistor in series with the FORCE pin.
5.
A 1 k
Ω resistor in series with the SENSE pin.
IN VOLTAGE FORCE WITH CURRENT MEASURE OR
VERIFY CURRENT FORCE
To measure the leakage in the current measure and hold mode,
the PPMU has to be into the Force Voltage/Measure Current
Integrate mode.
1. The FORCE_A (Force Output) pin has to be programmed
to +9 V.
2. The PPMU has to be programmed to INTEGRATE mode.
3. The PPMU has to be programmed to HOLD mode.
4. Sample MEAS_OUT.
5. Wait 100 ms.
6. Sample MEAS_OUT again.
7. The difference between 2 and 4 must be less than 15 mV.
The linearity tests for forcing voltage are as follows (at the
FORCE pin):
1. The four ranges of CURRENT MEASURE ranges (200 nA,
20
µA, 200 µA, and 2 mA) correspond to F1, F2, F3, and F4.
2. The endpoints of the linearity curve are determined by –full
scale (or LOW), and the +full scale (or HIGH) readings at
the same FORCE pin current.
3. Using these endpoints, gain nonlinearity is computed and
tested at the 1/4 scale, 1/2 scale, and 3/4 scale points.
S11
S12
S13
S14
S15
S16
INT/IM
R1
R2
INTEGRATE
S10
UNITY
DIFF
VF
S4
IF
S5
C1
1k
2mA
10k
200 A
EXT RC
SENSE
S8
S9
S2
S3
VM
IM
ENABLE
S1
CON
2.5V
S6
S7
FORCING
VOLTAGE
DAC1
DAC2
DSR
MEAS OUT
40pF
S17
GUARD
FORCE
SENSE
R
R
1.25R
1.25R
MAIN
GUARD
S18
AD53508
OUTPUT
1k
10
TO DUT
Figure 2. Guarded Voltage Force/Current Measure, IRANGE 1: I
≤ 2 mA
4. Computations for F1 are:
F1
× 0.25 = LOW + 1 × (HIGH – LOW)/4
F1
× 0.50 = LOW + 2 × (HIGH – LOW)/4
F1
× 0.75 = LOW + 3 × (HIGH – LOW)/4
Where LOW = –Full Scale and HIGH = +Full Scale.
The linearity tests for measuring current are as follows (at the
MEAS_OUT pin):
1. The voltage is constant for these measurements.
2. The four ranges (M1, M2, M3, M4) correspond to
CURRENT MEASURE ranges (200 nA, 20
µA, 200 µA,
and 2 mA respectively).
3. The endpoints of the linearity curve are determined by the
–full scale (or LOW), and the +full scale (or HIGH) read-
ings at the same FORCE pin voltage.
4. Using these endpoints, gain nonlinearity is computed and
tested at the 1/4 scale, 1/2 scale, and 3/4 scale points.
5. Computations for M1 are:
M1
× 0.25 = LOW + 1 × (HIGH – LOW)/4
M1
× 0.50 = LOW + 2 × (HIGH – LOW)/4
M1
× 0.75 = LOW + 3 × (HIGH – LOW)/4
Where LOW = –Full Scale, and HIGH = +Full Scale.
The M_CON pin can be used for disconnecting the MEAS_OUT
pin by:
1. Raising M_CON to 2.4 V.
2. Measuring MEAS_OUT (which is loaded with 100 k
Ω).
3. MEAS_OUT should ideally be 0 V.
The OUTPUT_CON pin can be used for disconnecting the
DUT by:
1. Disabling the SENSE pin (OUTPUT_CON = 2.4 V).
2. Loading FORCE_OUT with 2 k
Ω to ground.
3. Programming the DAC1 input to +FS (+9 V) and measuring
the FORCE_OUT voltage (FV1).
4. Programming the DAC1 input to –FS (–4 V) and measur-
ing the FORCE_OUT voltage (FV2).
5. FV1–FV2 < 1.3 mV.
6. A change of 1.3 mV implies a switch off-resistance of 20 M
Ω.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com