Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53508 Datasheet(PDF) 4 Page - Analog Devices

Part # AD53508
Description  PPMU Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53508 Datasheet(HTML) 4 Page - Analog Devices

  AD53508 Datasheet HTML 1Page - Analog Devices AD53508 Datasheet HTML 2Page - Analog Devices AD53508 Datasheet HTML 3Page - Analog Devices AD53508 Datasheet HTML 4Page - Analog Devices AD53508 Datasheet HTML 5Page - Analog Devices AD53508 Datasheet HTML 6Page - Analog Devices AD53508 Datasheet HTML 7Page - Analog Devices AD53508 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD53508
–4–
REV. 0
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD53508 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN FUNCTION DESCRIPTIONS
Pin Name
Description
1
DSR_2.5
2.5 V Reference Input
2
DAC2_A
First of Two Switchable Inputs
3
DAC1_A
Second of Two Switchable Inputs
4
EXT_RC_A
External RS and C Common
5
C1_A
External Capacitor
6
R1_A
External Resistor
7
R2_A
External Resistor
8
SENSE_A
Sense Input
9
FORCE_A
Force Output
10
GUARD_A
Guard Drive Output
11
MEAS_OUT_A
Measurement Output
12
VCC
+15 V Analog Supply
13
M_CON_A
*
Connect Measure Output to Bus
14
VEE
–10 V Analog Supply
15
FORCE_I_A
*
Force V (When Hi) or I (When Lo)
16
FORCE_EN_A
*
Control Input
17
DAC1_SEL_A
*
Select DAC1 (When Lo) or DAC2
18
INTEG_A
*
Control Input
19
HOLD_A
*
Control Input
20
I_RANGE0_A
*
Select 2 mA Range (Active Lo)
21
I_RANGE1_A
*
Select 200
µA Range (Active Lo)
22
VERIFY*
Measure Forced Voltage or Current
23
OUTPUT_CON_A
*
Connect Pin Drive (Active Lo)
24
OUTPUT_CON_B
*
Connect Pin Drive (Active Lo)
25
I_RANGE1_B
*
Select 200
µA Range (Active Lo)
26
I_RANGE0_B
*
Select 2 mA Range (Active Lo)
27
HOLD_B
*
Control Input
28
INTEG_B
*
Control Input
29
DAC1_SEL_B
*
Select DAC1 (When Lo) or DAC2
30
FORCE_EN_B
*
Control Input
31
FORCE_I_B
*
Force V (When Hi) or I (When Lo)
32
DIGGND
Digital Ground
33
M_CON_B
*
Connect Measure Output to Bus
34
VDD
+5 V Digital Supply
35
MEAS_OUT_B
Measurement Output
36
GUARD_B
Guard Drive Output
37
FORCE_B
Force Output
38
SENSE_B
Sense Input
39
R2_B
External Resistor
40
R1_B
External Resistor
41
C1_B
External Capacitor
42
EXT_RC_B
External RS and C Common
43
DAC1_B
Second of Two Switchable Inputs
44
DAC2_B
First of Two Switchable Inputs
* = Active Lo
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
Min
Max
Unit
Condition
VDD to VEE
–0.3
+26.4
V
VCC to VEE
–0.3
+26.4
V
VDD to DGND
–0.3
+6
V
Digital Inputs to DGND –0.3
VCC+0.3 V
Power Dissipation
700
mW
TA
≤ +75°C
Operating Temperature
Range
25
70
°C
Storage Temperature
–60
+125
°C
Lead Temperature
+300
°C
Soldering (10 sec)
Force/Sense Outputs
VEE–0.8 VCC+0.8 V
Or 75 mA,
Whichever Is Less
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only; functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD53508JP
25
°C to 70°C
Plastic Leaded
P-44A
Chip Carrier
PIN CONFIGURATION
6
5
4
3
2
1
44 43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
39
38
37
36
35
34
33
32
31
30
29
7
8
9
10
11
12
13
14
15
16
17
18 19 20 21 22 23 24 25 26 27 28
* = ACTIVE LO
R2 B
SENSE B
FORCE B
GUARD B
MEAS OUT B
VDD
M CON B*
DIGGND
FORCE I B*
FORCE EN B*
DAC1 SEL B*
R2 A
SENSE A
FORCE A
GUARD A
MEAS OUT A
VCC
M CON A*
VEE
FORCE I A*
FORCE EN A*
DAC1 SEL A*
AD53508



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com