Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53508 Datasheet(PDF) 1 Page - Analog Devices

Part # AD53508
Description  PPMU Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53508 Datasheet(HTML) 1 Page - Analog Devices

  AD53508 Datasheet HTML 1Page - Analog Devices AD53508 Datasheet HTML 2Page - Analog Devices AD53508 Datasheet HTML 3Page - Analog Devices AD53508 Datasheet HTML 4Page - Analog Devices AD53508 Datasheet HTML 5Page - Analog Devices AD53508 Datasheet HTML 6Page - Analog Devices AD53508 Datasheet HTML 7Page - Analog Devices AD53508 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD53508
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
PPMU Circuit
FUNCTIONAL BLOCK DIAGRAM
S11
S12
S13
S14
S15
S16
INT/IM
R1
R2
INTEGRATE
S10
UNITY
DIFF
VF
S4
IF
S5
C1
1k
2mA
10k
200 A
EXT RC
SENSE
S8
S9
S2
S3
VM
IM
ENABLE
S1
CON
+2.5V
S6
S7
DAC1
DAC2
DSR
MEAS OUT
40pF
S17
GUARD
FORCE
SENSE
R
R
1.25R
1.25R
MAIN
GUARD
S18
AD53508
OUTPUT
FEATURES
Dual Measurement Channels
Precision Four-Quadrant-Per-Pin V/I Source
Programmable Current Force Ranges
204.8
A and
2.048 mA
Five Current Measurement Ranges
204.8 nA to
2.048 mA
Output Voltage Range: –4 V to +9 V
Power Supplies: +15 V, +5 V, and –10 V
44-Lead Plastic J-Leaded Chip Carrier Package
APPLICATIONS
Can Be Used with the AD53032 DCL to Extend Current
Force Range to 35 mA
GENERAL DESCRIPTION
The AD53508 is a custom dual-channel parametric measure-
ment circuit for use in semiconductor automatic test equipment.
It contains programmable modes to force a pin voltage and
measure its current or to integrate and hold a current value.
Alternatively, a current can be forced and the compliance volt-
age measured.
The device provides a remote force/sense capability to ensure
accuracy at the tester pin. A guard output is available to drive
the shield of a force/sense pair.
Two input references per channel permit controlled switching to
different voltage or current levels. The forced voltage or current
levels can be switched back to the measurement system to read
back the analog levels for system calibration.
The circuit is powered by +15 V, +5 V and –10 V supplies and
dissipates 230 mW nominally.
Recommended Use of the PPMU with AD53032 DCL
The PPMU can be used with the AD53032 DCL to extend the
Current Force Range beyond 2 mA VCOM can be set to the
maximum spec allowance of 8 V, which would allow the maxi-
mum Current Force of IOL of 35 mA. The combination of the
PPMU and the DCL would have a few benefits including:
1. Accurately measuring low currents.
2. Can take parallel measurements by using one PMU per pin.


Similar Part No. - AD53508

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
High Speed, High Current Capability Pin Driver
AD53500JRP AD-AD53500JRP Datasheet
101Kb / 7P
High Speed, High Current Capability Pin Driver
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
High Speed, High Current Capability Pin Driver
REV. 0
AD53509 AD-AD53509 Datasheet
110Kb / 8P
High-Performance Driver/Comparator Active Load on a Single Chip
AD53509G AD-AD53509G Datasheet
352Kb / 12P
High Performance Driver/Comparator Active Load on a Single Chip
3/08-Rev. A to Rev. B
More results

Similar Description - AD53508

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1858 NTE-NTE1858 Datasheet
26Kb / 4P
Integrated Circuit Vertical Deflection Circuit
NTE748 NTE-NTE748 Datasheet
23Kb / 2P
Integrated Circuit TV Sound Circuit
NTE955M NTE-NTE955M Datasheet
28Kb / 4P
Integrated Circuit Timing Circuit
logo
Analog Devices
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
logo
Fairchild Semiconductor
FJV3106RMTF FAIRCHILD-FJV3106RMTF Datasheet
94Kb / 4P
Switching circuit, Inverter, Interface circuit, Driver Circuit
FJX4002RTF FAIRCHILD-FJX4002RTF Datasheet
48Kb / 4P
Switching circuit, Inverter, Interface circuit, Driver Circuit
FJV4103RMTF FAIRCHILD-FJV4103RMTF Datasheet
61Kb / 4P
Switching circuit, Inverter, Interface circuit, Driver Circuit
logo
Keysight Technologies
M9195B KEYSIGHT-M9195B Datasheet
5Mb / 21P
M9195B PXIe Digital Stimulus/Response with PPMU: 250 MHz, 16-channel
logo
Analog Devices
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
logo
Weidmuller
9101403500 WEIDMULLER-9101403500 Datasheet
503Kb / 2P
Circuit Protection Circuit Break ers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com