Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53508 Datasheet(PDF) 3 Page - Analog Devices

Part # AD53508
Description  PPMU Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53508 Datasheet(HTML) 3 Page - Analog Devices

  AD53508 Datasheet HTML 1Page - Analog Devices AD53508 Datasheet HTML 2Page - Analog Devices AD53508 Datasheet HTML 3Page - Analog Devices AD53508 Datasheet HTML 4Page - Analog Devices AD53508 Datasheet HTML 5Page - Analog Devices AD53508 Datasheet HTML 6Page - Analog Devices AD53508 Datasheet HTML 7Page - Analog Devices AD53508 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
–3–
REV. 0
AD53508
Parameter
Condition
Min
Typ
Max
Unit
1
ACCURACY—LOW RANGE
Transresistance Error (
±3% Tolerance)
0.0121
0.0125
0.0129
V/nA
Offset Error
±4nA
Gain Nonlinearity (Relative to Endpoints)
±0.05
% of Span
Output Compliance Voltage-Induced Transresistance Error
±0.025
nA/V of Output
DRIFT—LOW RANGE
Gain Error Temperature Coefficient
±20
ppm MV/
°C
Offset Drift
±70
pA/
°C
DISABLE MODE
2
Voltage Swing,
±2 mA Range
±2 mA Drive
–4
+9
V
±100 µA Drive
–5
+12
V
ACCURACY
Gain (
±0.1% Tolerance)
0.999
1.001
V/V
Offset Error
±15
mV
Gain Nonlinearity (Relative to Endpoints)
±0.02
% of Span
Current Measure CMRR (at MEAS_OUT)
±0.31
mV/V
DRIFT
Gain Error Temperature Coefficient
±20
ppm (PV or
MV)/
°C
Offset Drift
±100
µV/°C
OTHER SPECIFICATIONS
Power Supply Rejection Ratio
f < 40 Hz, VCC
70
dB
f < 40 Hz, VEE
60
dB
f = 40 kHz, VCC
35
dB
f = 40 kHz, VEE
25
dB
CURRENT MEASURE HOLD MODE LEAKAGE
TAMB = +70
°C
±1.2
nA
CROSSTALK
3
±0.02
% of Span
SETTLING TIMES TO 0.01%
Voltage Force and Guard Voltage
CLOAD = 100 pF
20
µs
CLOAD = 2000 pF
2
ms
Current Force (200
µA Range)
ZLOAD = 100 pF 50 k
Ω
50
µs
MEAS_OUT Pin
CLOAD = 20 pF
2
µs
SHORT CIRCUIT CURRENT LIMIT MAGNITUDE
Any Output Except Guards
8.5
20
mA
GUARD SCC LIMIT MAGNITUDE
2.5
10
mA
GUARD OFFSET (FROM SENSE INPUT PIN)
–65
–25
0
mV
IB (DAC1, DAC2) CURRENT
±1.0
µA
DIGITAL INPUTS
VIH
2.4
V
VIL
0.8
V
IIN (Input leakage current)
10
µA
POWER SUPPLIES
VCC (Positive Analog Supply Voltage)
14.0
15.0
15.75
V
VEE (Negative Analog Supply Voltage)
–10.5
–10.0
–9.0
V
VDD (Logic Supply Voltage)
4.75
5.0
5.25
V
ICC (Positive Analog Supply Current)
5
15
mA
IEE (Negative Analog Supply Current)
–15
–5
mA
IDD (Logic Supply Current Is 0 with Inputs at Rails,
Worst Case @ 2.4 VIN)
8mA
NOTES
1PV = Programmed Value, MV = Measured Value, FSR = Full-Scale Range = span.
2Output connected: DAC2 and 2 mA range selected, unconditionally.
3f < 40 Hz, both channels in current force mode; other channel output voltage swinging rail to rail.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com