Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6325P9 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWC6325P9
Description  HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6325P9 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWC6325P9 Datasheet HTML 1Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 2Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 3Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 4Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 5Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 6Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 7Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 8Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
PRELIMINARY DATA SHEET - Rev 1.3
05/2012
AWC6325
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
Notes:
(1) For operation at VCC = +3.2 V, POUT is derated by 0.5 dB.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VBATT, VCC, VCCA)
0
+5
V
Mode Control Voltage (VMODE1,2, VEN)
0
+3.5
V
RF Input Power (PIN)
-
+10
dBm
Storage Temperature (TSTG)
-40
+150
°C
PARAMETER
MIN
TYP
MAX
UNITS
COMMENTS
Operating Frequency (f)
814
1850
-
-
849
1915
MHz
Cellular BC0 & 10
PCS BC1 & 14
Supply Voltage (VCC, VCCA)
+0.8
+3.4
+4.35
V
Battery Voltage (VBATT)
+3.2
+3.4
+4.35
V
Enable Voltage (VEN_CELL, VEN_PCS)
+1.35
0
+1.8
0
+3.1
+0.5
V
PA “on”
PA “shut down”
Mode Control Voltage (VMODE1,2)
+1.35
0
+1.8
0
+3.1
+0.5
V
Logic High
Logic Low
Cellular RF Output Power CDMA
CDMA, HPM
CDMA, MPM
CDMA, LPM
27.5 (1)
-
-
28.0
16.0
10.0
-
-
-
dBm
CDMA 2000, RC-1
PCS RF Output Power CDMA
CDMA, HPM
CDMA, MPM
CDMA, LPM
27.5 (1)
-
-
28.0
16.0
10.0
-
-
-
dBm
CDMA 2000, RC-1
Case Temperature (TC)
-30
-
+90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com