Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6325P9 Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # AWC6325P9
Description  HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6325P9 Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button AWC6325P9 Datasheet HTML 3Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 4Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 5Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 6Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 7Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 8Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 9Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 10Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 11Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
PRELIMINARY DATA SHEET - Rev 1.3
05/2012
AWC6325
Figure 8: Carrier Tape Drawing
Figure 9: Reel Drawing
DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
MADE IN USA
NOTES:
1.
SURFACE RESISTIVITY:
MATERIAL:
BLACK CARBON POLYSTYRENE
1X10 TO 1X10 ohms/square
4
100%
FU
LL
75
%
50
%
25
%
5
(2X)SLOT 3.0±.1
(3X)1.78±.25
Ø20.6±0.13
Ø13.0±0.2
12.4±.
Ø177.8
MIN.
Ø54.2
±0.1
Ø50.8
±0.2
CENTER HOLE DETAIL
ENLARGED FOR CLARITY
DIMENSIONS ARE IN MILLIMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com