Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6325P9 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWC6325P9
Description  HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6325P9 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWC6325P9 Datasheet HTML 1Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 2Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 3Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 4Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 5Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 6Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 7Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 8Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
PRELIMINARY DATA SHEET - Rev 1.3
05/2012
AWC6325
Table 5: Electrical Specifications - PCS Band (BC 1, 14)
(TC = +25 °C, VBATT = VCC = +3.4 V, VEN_PCS = +1.8 V, 50 Ω system, CDMA2000 RC-1 waveform)
Notes:
(1) ACPRs and Efficiency measured at 1880 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1
VMODE2
Gain
24
10
7
26.5
13
9
30
16
12
dB
+28 dBm
+16 dBm
+10 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Adjacent Channel Power
at ± 1.25 MHz offset (1)
Primary Channel BW = 1.23 MHz
Adjacent Channel BW = 30 kHz
-
-
-
-48
-52.5
-53
-46.5
-46.5
-46.5
dBc
+28 dBm
+16 dBm
+10 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Adjacent Channel Power
at ± 1.98 MHz offset (1)
Primary Channel BW = 1.23 MHz
Adjacent Channel BW = 30 kHz
-
-
-
-55
-60
-63
-54
-54
-54
dBc
+28 dBm
+16 dBm
+10 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Adjacent Channel Power
at ± 2.25 MHz offset (1)
Primary Channel BW = 1.23 MHz
Adjacent Channel BW = 30 kHz
-
-
-
-59.5
-63.5
-67.5
-56.5
-57
-57
dBc
+28 dBm
+16 dBm
+10 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Power-Added Efficiency (1)
-
-
-
37
20
10
-
-
-
%
+28 dBm
+16 dBm
+10 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Quiescent Current (Icq)
-
4
-
mA
through VCC pins, VMODE1,2 = +1.8 V
Mode Control Current
-
0.5
-
mA
through VMODE pin, VMODE1,2 = +1.8 V
BATT Current
-
1.5
-
mA
through VBATT pin, VMODE1,2 = +1.8V
Enable Current
-
0.3
-
mA
through VEN_PCS pin, VMODE1,2 = +1.8 V
Total Decoder Current on VBATT
(in Shutdown mode)
-
7
-
µA
VBATT = +4.35 V, VCC = +4.35 V,
VEN_CELL = 0 V, VMODE1,2 = 0 V
HBT Leakage Current on VCC
(in Shutdown mode)
-
<1
-
µA
VBATT = +4.35 V, VCC = +4.35 V,
VEN_CELL = 0 V, VMODE1,2 = 0 V
Noise In Receive Band
-
-133
-
dBm/Hz 1930 MHz to 1990 MHz
Harmonics
2fO
3fO, 4fO
-
-
-
-
-30
-30
dBc
POUT < +28 dBm
Input Impedence
-
-
2:1
VSWR
Coupling Factor
-
22
-
dB
Spurious Output Level
(all spurious outputs)
-
-
-65
dBc
POUT < +28 dBm
In-band load VSWR < 5:1
Out-of-band load VSWR < 10:1
Applies over all operating conditions
Load mismatch stress with no
permanent degradation or failure
8:1
-
-
VSWR Applies over full operating range



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com