Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWC6325P9 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # AWC6325P9
Description  HELP3E Dual-band Cellular & PCS CDMA 3.4 V Linear Power Amplifier Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWC6325P9 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button AWC6325P9 Datasheet HTML 3Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 4Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 5Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 6Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 7Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 8Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 9Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 10Page - ANADIGICS, Inc AWC6325P9 Datasheet HTML 11Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
warning
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product
in any such application without written consent is prohibited.
iMPOrTanT nOTiCE
anaDigiCS, inc.
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice.
The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to
change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are assumed
to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers
to verify that the information they are using is current before placing orders.
PRELIMINARY DATA SHEET - Rev 1.3
05/2012
11
AWC6325
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
COMPONENT PACKAGING
AWC6325Q7
-30 C to +90 C
RoHS Compliant 14 Pin
3 mm x 5 mm x 0.9 mm
Surface Mount Module
Tape and Reel, 2500 pieces per Reel
AWC6325P9
-30 C to +90 C
RoHS Compliant 14 Pin
3 mm x 5 mm x 0.9 mm
Surface Mount Module
Partial Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com