Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD565AT Datasheet(PDF) 7 Page - Analog Devices

Part # AD565AT
Description  High Speed 12-Bit Monolithic D/A Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565AT Datasheet(HTML) 7 Page - Analog Devices

Back Button AD565AT Datasheet HTML 3Page - Analog Devices AD565AT Datasheet HTML 4Page - Analog Devices AD565AT Datasheet HTML 5Page - Analog Devices AD565AT Datasheet HTML 6Page - Analog Devices AD565AT Datasheet HTML 7Page - Analog Devices AD565AT Datasheet HTML 8Page - Analog Devices AD565AT Datasheet HTML 9Page - Analog Devices AD565AT Datasheet HTML 10Page - Analog Devices AD565AT Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AD565A/AD566A
REV. D
–7–
PIN DESIGNATIONS
24-Lead DIP
28-Lead SOIC
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
(Not to Scale)
AD566A
NC = NO CONNECT
PWR GND
20V SPAN R
10V SPAN R
DAC OUT (–2mA F.S.)
NC
NC
NC
REF GND
AMP SUMMING JUNCTION
BIPOLAR OFFSET IN
–VEE –15V IN (20mA)
REF V HI IN
BIT 12 IN (LSB)
BIT 11 IN
BIT 10 IN
BIT 9 IN
BIT 8 IN
BIT 1 IN (MSB)
BIT 2 IN
BIT 3 IN
BIT 4 IN
BIT 6 IN
BIT 5 IN
BIT 7 IN
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
NC = NO CONNECT
TOP VIEW
(Not to Scale)
AD565A
PWR GND
20V SPAN R
10V SPAN R
DAC OUT (–2mA F.S.)
BIPOLAR OFFSET IN
NC
NC
VCC
REF OUT (+10V ±1%)
–VEE
REF IN
REF GND
BIT 12 IN (LSB)
BIT 11 IN
BIT 10 IN
BIT 9 IN
BIT 8 IN
BIT 1 IN (MSB)
BIT 2 IN
BIT 3 IN
BIT 4 IN
BIT 6 IN
BIT 5 IN
BIT 7 IN
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
(Not to Scale)
AD565A
NC = NO CONNECT
20V SPAN R
10V SPAN R
NC
DAC OUT
BIPOLAR OFFSET IN
–VEE
NC
NC
NC
NC
VCC
REF IN
REF GND
REF OUT (10V)
PWR GND
BIT 12 (LSB)
BIT 11
BIT 10
BIT 9
BIT 8
BIT 7
NC
BIT 1 (MSB)
BIT 2
BIT 3
BIT 6
BIT 5
BIT 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com