Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD565AT Datasheet(PDF) 4 Page - Analog Devices

Part # AD565AT
Description  High Speed 12-Bit Monolithic D/A Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565AT Datasheet(HTML) 4 Page - Analog Devices

  AD565AT Datasheet HTML 1Page - Analog Devices AD565AT Datasheet HTML 2Page - Analog Devices AD565AT Datasheet HTML 3Page - Analog Devices AD565AT Datasheet HTML 4Page - Analog Devices AD565AT Datasheet HTML 5Page - Analog Devices AD565AT Datasheet HTML 6Page - Analog Devices AD565AT Datasheet HTML 7Page - Analog Devices AD565AT Datasheet HTML 8Page - Analog Devices AD565AT Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AD566A–SPECIFICATIONS
AD566AJ
AD566AK
Model
Min
Typ
Max
Min
Typ
Max
Units
DATA INPUTS
1 (Pins 13 to 24)
TTL or 5 Volt CMOS
Input Voltage
Bit ON Logic “1”
+2.0
+5.5
+2.0
+5.5
V
Bit OFF Logic “0”
0
+0.8
0
+0.8
V
Logic Current (Each Bit)
Bit ON Logic “1”
+120
+300
+120
+300
µA
Bit OFF Logic “0”
+35
+100
+35
+100
µA
RESOLUTION
12
12
Bits
OUTPUT
Current
Unipolar (All Bits On)
–1.6
–2.0
–2.4
–1.6
–2.0
–2.4
mA
Bipolar (All Bits On or Off)
0.8
± 1.0
1.2
0.8
± 1.0
1.2
mA
Resistance (Exclusive of Span Resistors)
6
8
10
6
8
10
k
Ω
Offset
Unipolar (Adjustable to Zero per Figure 3)
0.01
0.05
0.01
0.05
% of F.S. Range
Bipolar (Figure 4, R1 and R2 = 50
Ω Fixed)
0.05
0.15
0.05
0.1
% of F.S. Range
Capacitance
25
25
pF
Compliance Voltage
TMIN to TMAX
–1.5
+10
–1.5
+10
V
ACCURACY (Error Relative to
Full Scale) +25
°C
± 1/4
1/2
± 1/8
1/4
LSB
(0.006)
(0.012)
(0.003)
(0.006)
% of F.S. Range
TMIN to TMAX
± 1/2
3/4
± 1/4
1/2
LSB
(0.012)
(0.018)
(0.006)
(0.012)
% of F.S. Range
DIFFERENTIAL NONLINEARITY
+25
°C
± 1/2
3/4
± 1/4
1/2
LSB
TMIN to TMAX
MONOTONICITY GUARANTEED
MONOTONICITY GUARANTEED
TEMPERATURE COEFFICIENTS
Unipolar Zero
1
2
1
2
ppm/
°C
Bipolar Zero
5
10
5
10
ppm/
°C
Gain (Full Scale)
7
10
3
5
ppm/
°C
Differential Nonlinearity
2
2
ppm/
°C
SETTLING TIME TO 1/2 LSB
All Bits ON-to-OFF or OFF-to-ON (Figure 8)
250
350
250
350
ns
FULL-SCALE TRANSITION
10% to 90% Delay plus Rise Time
15
30
15
30
ns
90% to 10% Delay plus Fall Time
30
50
30
50
ns
POWER REQUIREMENTS
VEE, –11.4 to –16.5 V dc
–12
–18
–12
–18
mA
POWER SUPPLY GAIN SENSITIVITY
2
VEE = –11.4 to –16.5 V dc
15
25
15
25
ppm of F.S./%
PROGRAMMABLE OUTPUT RANGES
(see Figures 3, 4, 5)
0 to +5
0 to +5
V
–2.5 to +2.5
–2.5 to +2.5
V
0 to +10
0 to +10
V
–5 to +5
–5 to +5
V
–10 to +10
–10 to +10
V
EXTERNAL ADJUSTMENTS
Gain Error with Fixed 50
Ω
Resistor for R2 (Figure 3)
± 0.1
0.25
± 0.1
0.25
% of F.S. Range
Bipolar Zero Error with Fixed
50
Ω Resistor for R1 (Figure 4)
± 0.05
0.15
± 0.05
0.1
% of F.S. Range
Gain Adjustment Range (Figure 3)
± 0.25
± 0.25
% of F.S. Range
Bipolar Zero Adjustment Range
± 0.15
± 0.15
% of F.S. Range
REFERENCE INPUT
Input Impedance
15
20
25
15
20
25
k
Ω
POWER DISSIPATION
180
300
180
300
mW
MULTIPLYING MODE PERFORMANCE (All Models)
Quadrants
Two (2): Bipolar Operation at Digital Input Only
Reference Voltage
+1 V to +10 V, Unipolar
Accuracy
10 Bits (
±0.05% of Reduced F.S.) for 1 V dc Reference Voltage
Reference Feedthrough (Unipolar Mode,
All Bits OFF, and 1 V to +10 V [p-p], Sine Wave
Frequency for 1/2 LSB [p-p] Feedthrough)
40 kHz typ
Output Slew Rate 10%–90%
5 mA/
µs
90%–10%
1 mA/
µs
Output Settling Time (All Bits ON and a 0 V–10 V
Step Change in Reference Voltage)
1.5
µs to 0.01% F.S.
CONTROL AMPLIFIER
Full Power Bandwidth
300 kHz
Small-Signal Closed-Loop Bandwidth
1.8 MHz
NOTES
1The digital input levels are guaranteed but not tested over the temperature range.
2The power supply gain sensitivity is tested in reference to a V
EE of –1.5 V dc.
Specifications subject to change without notice.
(TA = +25 C, VEE = –15 V, unless otherwise noted)
–4–
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com