Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD565AT Datasheet(PDF) 11 Page - Analog Devices

Part # AD565AT
Description  High Speed 12-Bit Monolithic D/A Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565AT Datasheet(HTML) 11 Page - Analog Devices

Back Button AD565AT Datasheet HTML 3Page - Analog Devices AD565AT Datasheet HTML 4Page - Analog Devices AD565AT Datasheet HTML 5Page - Analog Devices AD565AT Datasheet HTML 6Page - Analog Devices AD565AT Datasheet HTML 7Page - Analog Devices AD565AT Datasheet HTML 8Page - Analog Devices AD565AT Datasheet HTML 9Page - Analog Devices AD565AT Datasheet HTML 10Page - Analog Devices AD565AT Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AD565A/AD566A
REV. D
–11–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Ceramic DIP (D-24)
0.023 (0.58)
0.014 (0.36)
0.075 (1.91)
0.015 (0.38)
0.225 (5.72)
MAX
0.200 (5.08)
0.120 (3.05)
SEATING
PLANE
0.070 (1.78)
0.030 (0.76)
0.150
(3.81)
MIN
0.100 (2.54)
BSC
1.290 (32.77) MAX
0.620 (15.75)
0.590 (14.99)
0.015 (0.38)
0.008 (0.20)
24
112
13
0.098 (2.49) MAX
0.610 (15.49)
0.500 (12.70)
PIN 1
0.005 (0.13) MIN
SOIC (R-28) Package
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8°
0°
0.0291 (0.74)
0.0098 (0.25)
x 45°
0.7125 (18.10)
0.6969 (17.70)
PIN 1
28
15
14
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com