Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD565AT Datasheet(PDF) 2 Page - Analog Devices

Part # AD565AT
Description  High Speed 12-Bit Monolithic D/A Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD565AT Datasheet(HTML) 2 Page - Analog Devices

  AD565AT Datasheet HTML 1Page - Analog Devices AD565AT Datasheet HTML 2Page - Analog Devices AD565AT Datasheet HTML 3Page - Analog Devices AD565AT Datasheet HTML 4Page - Analog Devices AD565AT Datasheet HTML 5Page - Analog Devices AD565AT Datasheet HTML 6Page - Analog Devices AD565AT Datasheet HTML 7Page - Analog Devices AD565AT Datasheet HTML 8Page - Analog Devices AD565AT Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AD565A–SPECIFICATIONS
AD565AJ
AD565AK
Model
Min
Typ
Max
Min
Typ
Max
Units
DATA INPUTS1 (Pins 13 to 24)
TTL or 5 Volt CMOS
Input Voltage
Bit ON Logic “1”
+2.0
+5.5
+2.0
+5.5
V
Bit OFF Logic “0”
+0.8
+0.8
V
Logic Current (Each Bit)
Bit ON Logic “1”
+120
+300
+120
+300
µA
Bit OFF Logic “0”
+35
+100
+35
+100
µA
RESOLUTION
12
12
Bits
OUTPUT
Current
Unipolar (All Bits On)
–1.6
–2.0
–2.4
–1.6
–2.0
–2.4
mA
Bipolar (All Bits On or Off)
0.8
±1.0
1.2
0.8
±1.0
1.2
mA
Resistance (Exclusive of Span Resistors)
6
8
10
6
8
10
k
Ω
Offset
Unipolar
0.01
0.05
0.01
0.05
% of F.S. Range
Bipolar (Figure 3, R2 = 50
Ω Fixed)
0.05
0.15
0.05
0.1
% of F.S. Range
Capacitance
25
25
pF
Compliance Voltage
TMIN to TMAX
–1.5
+10
–1.5
+10
V
ACCURACY (Error Relative to
Full Scale) +25
°C
±1/4
1/2
±1/8
1/4
LSB
(0.006)
(0.012)
(0.003)
(0.006)
% of F.S. Range
TMIN to TMAX
±1/2
3/4
±1/4
1/2
LSB
(0.012)
(0.018)
(0.006)
(0.012)
% of F.S. Range
DIFFERENTIAL NONLINEARITY
+25
°C
±1/2
3/4
±1/4
1/2
LSB
TMIN to TMAX
MONOTONICITY GUARANTEED
MONOTONICITY GUARANTEED
TEMPERATURE COEFFICIENTS
With Internal Reference
Unipolar Zero
1
2
1
2
ppm/
°C
Bipolar Zero
5
10
5
10
ppm/
°C
Gain (Full Scale)
15
50
10
20
ppm/
°C
Differential Nonlinearity
2
2
ppm/
°C
SETTLING TIME TO 1/2 LSB
All Bits ON-to-OFF or OFF-to-ON
250
400
250
400
ns
FULL-SCALE TRANSITION
10% to 90% Delay plus Rise Time
15
30
15
30
ns
90% to 10% Delay plus Fall Time
30
50
30
50
ns
TEMPERATURE RANGE
Operating
0
+70
0
+70
°C
Storage
–65
+150
–65
+150
°C
POWER REQUIREMENTS
VCC, +11.4 to +16.5 V de
3
5
3
5
mA
VEE, –11.4 to –16.5 V dc
–12
–18
–12
–18
mA
POWER SUPPLY GAIN SENSITIVITY
2
VCC = +11.4 to +16.5 V dc
3
10
3
10
ppm of F.S./%
VEE = –11.4 to –16.5 V dc
15
25
15
25
ppm of F.S./%
PROGRAMMABLE OUTPUT RANGES
(See Figures 2, 3, 4)
0 to +5
0 to +5
V
–2.5 to +2.5
–2.5 to +2.5
V
0 to +10
0 to +10
V
–5 to +5
–5 to +5
V
–10 to +10
–10 to +10
V
EXTERNAL ADJUSTMENTS
Gain Error with Fixed 50
Ω
Resistor for R2 (Figure 2)
±0.1
0.25
±0.1
0.25
% of F.S. Range
Bipolar Zero Error with Fixed
50
Ω Resistor for R1 (Figure 3)
±0.05
0.15
±0.05
±0.1
% of F.S. Range
Gain Adjustment Range (Figure 2)
±0.25
±0.25
% of F.S. Range
Bipolar Zero Adjustment Range
±0.15
±0.15
% of F.S. Range
REFERENCE INPUT
Input Impedance
15
20
25
15
20
25
k
Ω
REFERENCE OUTPUT
Voltage
9.90
10.00
10.10
9.90
10.00
10.10
V
Current (Available for External Loads)3
1.5
2.5
1.5
2.5
mA
POWER DISSIPATION
225
345
225
345
mW
NOTES
1The digital inputs are guaranteed but not tested over the operating temperature range.
2The power supply gain sensitivity is tested in reference to a V
CC, VEE of
±15 V dc.
3For operation at elevated temperatures the reference cannot supply current for external loads. It, therefore, should be buffered if additional loads are to be supplied.
Specifications subject to change without notice.
(TA = +25 C, VCC = +15 V, VEE = +15 V, unless otherwise noted.)
REV. D
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com