Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2432L-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2432L-R
Description  The SE2432L is a high performance, fully integrated RF Front End Module designed for ZigBee/Smart Energy applications.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2432L-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2432L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DATA SHEET
SE2432L: 2.4 GHz Smart Energy/ZigBee Front End Module
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com ● www.skyworksinc.com
DST-00322  Rev 2.2 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 3, 2012
3 of 14
Pin Out Diagram
1
2
3
4
19
18
17
16
SE2432L
Top
View
TXP
B2
TXN
B1
NC
ANT_SEL
GND
VCC2
5
VB_OUT
15 ANT1
6
14
RXP
GND
7
RXN
13 ANT2
19
18
17
16
1
2
3
4
SE2432L
Bottom
View
Die Pad
15
5
14
6
13
7
NC
ANT_SEL
GND
VCC2
ANT1
GND
ANT2
TXP
B2
TXN
B1
VB_OUT
RXP
RXN
Figure 2: SE2432L Pinout
Pin Out Description
Pin No.
Name
Description
1
B2
Connect through bias resistor to Pin 23
2
B1
Connect through bias resistor to Pin 23
3
TXP
Transmit input signal from transceiver, 200 Ω differential
4
TXN
Transmit input signal from transceiver, 200 Ω differential
5
VB_OUT
Tx balun bias core supply from transceiver
6
RXP
Receiver output signal to transceiver, 200 Ω differential
7
RXN
Receiver output signal to transceiver, 200 Ω differential
8
VB_IN
Rx balun bias core supply from transceiver
9
GND
Connect to PCB ground
10
GND
Connect to PCB ground
11
GND
Connect to PCB ground
12
GND
Connect to PCB ground
13
ANT2
Connect to 50 Ω antenna
14
GND
Connect to PCB ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com