Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2432L-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2432L-R
Description  The SE2432L is a high performance, fully integrated RF Front End Module designed for ZigBee/Smart Energy applications.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2432L-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2432L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DATA SHEET
SE2432L: 2.4 GHz Smart Energy/ZigBee Front End Module
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com ● www.skyworksinc.com
DST-00322  Rev 2.2 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 3, 2012
5 of 14
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Ambient temperature
-40
25
85
°C
VB_IN
VB_OUT
Supply voltage for baluns bias
1.6
-
3.6
V
VCC1
Supply voltage on VCC pins
2.0
3.0
3.6
V
VCC2
Supply voltage on VCC pins
2.0
3.0
3.6
V
DC Electrical Characteristics
Conditions: VCC1 = VCC2 = 3.0 V, TA = 25
C, as measured on Skyworks Solutions’ SE2432L-EK1 evaluation
board (de-embedded to device), unless otherwise noted
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-Tx20
Total Supply Current
Tx mode POUT = 20 dBm
CPS = CSD = CTX = 3.0 V
-
110
-
mA
ICC-Tx17
Total Supply Current
Tx mode POUT = 17 dBm
CPS = CSD = CTX = 3.0 V
-
90
-
mA
ICC-Tx10
Total Supply Current
Tx mode POUT = 10 dBm
CPS = CSD = CTX = 3.0 V
-
45
-
mA
ICQ-Tx
Quiescent Current
No RF
CPS = CSD = CTX = 3.0 V
-
30
-
mA
ICC-Rx
Total Supply Current
Rx mode
CPS = CSD = 3.0 V, CTX = 0 V
-
5
7
mA
ICC-
RxBypass
Total Supply Current
Rx bypass mode
CSD = 3.0 V, CPS = CTX = 0 V
-
-
300
uA
ICC_OFF
Sleep Supply Current
No RF, CTX=CPS=CSD = 0 V
-
0.05
1
μA
Logic Characteristics
Conditions: VCC1 = VCC2 = 3.0 V, TA = 25
C, as measured on Skyworks Solutions’ SE2432L-EK1 evaluation
board (de-embedded to device), unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V
B
IH
B
Logic input high
1.6
-
3.6
V
V
B
IL
B
Logic input low
0
-
0.3
V
I
B
IH
B
Logic input high
-
-
1
µA
I
B
IL
B
Logic input low
-
-
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com