Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2432L-R Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SE2432L-R
Description  The SE2432L is a high performance, fully integrated RF Front End Module designed for ZigBee/Smart Energy applications.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2432L-R Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SE2432L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 13Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DATA SHEET
SE2432L: 2.4 GHz Smart Energy/ZigBee Front End Module
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com ● www.skyworksinc.com
DST-00322  Rev 2.2 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 3, 2012
11 of 14
Recommended Reflow Temperature Profile
Profile Feature
SnPb Eutectic Assembly
Lead (Pb) Free Assembly
Average Ramp-up Rate (TL to TP)
3°C/s (max)
3°C/s (max)
Preheat
Temperature Min. (Tsmin)
100°C
150°C
Temperature Max. (Tsmax)
150°C
200°C
Time (Min. to Max) (ts)
60 - 120s
60 - 80s
Ramp Up
Tsmax to tL
-
3°C/s (max)
Time 25°C to Peak Temperature
6 mins. (max)
8 mins. (max)
Reflow
Temperature (tL)
183°C
217°C
Time maintained above tL
60 - 150s
60 - 150s
Peak Temperature (tp)
240 ±5°C
260 +0/-5°C
Time Within 5°C of Actual Peak
Temperature (tp)
10 - 30s
20 - 40s
Ramp-Down
Ramp-Down Rate
6°C/s (max)
6°C/s (max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com