Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2432L-R Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SE2432L-R
Description  The SE2432L is a high performance, fully integrated RF Front End Module designed for ZigBee/Smart Energy applications.
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2432L-R Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SE2432L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2432L-R Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DATA SHEET
SE2432L: 2.4 GHz Smart Energy/ZigBee Front End Module
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com ● www.skyworksinc.com
DST-00322  Rev 2.2 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 3, 2012
8 of 14
AC Electrical Characteristics, Receive
Conditions: VB_IN = VB_OUT = 1.6 to 3.6 V, VCC1 = VCC2 = 3.0 V, TA = 25
C, as measured on Skyworks
Solutions’ SE2432L-EK1 evaluation board (de-embedded to device), all unused ports terminated with
50 Ω, unless otherwise noted.
Symbol
Parameter
Condition
Note
Min.
Typ.
Max.
Unit
FIN
Frequency Range
2400
-
2483
MHz
Rx_gain
Receive gain
CPS = CSD = logic ‘1’,
CTX = logic ‘0’
1
10
11.5
13
dB
NF
Receive noise figure
CPS = CSD = logic ‘1’,
CTX = logic ‘0’
1
-
2
2.5
dB
IIP3
Input 3rd order
intercept
CPS = CSD = logic ‘1’,
CTX = logic ‘0’
1
-3
2
-
dBm
IP1dB
Input 1-dB
compression point
CPS = CSD = logic ‘1’,
CTX = logic ‘0’
1
-13
-8
-
dBm
S11
Input return loss
At ANT1 or ANT2 ports
1
-
-10
-5
dB
ZOUT
Receive port
impedance
Measured differentially
between RXP and
RXN
-
200
-
Trise
Turn on time
2
-
-
800
ns
Tfall
Turn off time
3
-
-
800
ns
G_bp
Gain in bypass mode
CPS = CTX = logic ‘0’,
CSD = logic ‘1’
-3
-
dB
IP1dB
Input 1-dB
compression point in
bypass mode
CPS = CTX = logic ‘0’,
CSD = logic ‘1’
10
-
-
dBm
Note:
(1) 2400 – 2483 MHz
(2) From 50% of CTX edge to 90% of final RF output power
(3) From 50% of CTX edge to 10% of final RF output power
AC Electrical Characteristics, Dual Antenna Switch
Conditions: VCC1 = VCC2 = 3.0 V, TA = 25
C, as measured on Skyworks Solutions’ SE2432L-EK1 evaluation
board (de-embedded to device), all unused ports terminated with 50 Ω, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
ISOLANTSW
Isolation Between ANT1 and ANT2 Ports
-
-20
-
dB
TANT1-ANT2
Antenna 1 to Antenna 2 switching time
-
400
-
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com