Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD660 Datasheet(PDF) 12 Page - Analog Devices

Part # AD660
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD660 Datasheet HTML 4Page - Analog Devices AD660 Datasheet HTML 5Page - Analog Devices AD660 Datasheet HTML 6Page - Analog Devices AD660 Datasheet HTML 7Page - Analog Devices AD660 Datasheet HTML 8Page - Analog Devices AD660 Datasheet HTML 9Page - Analog Devices AD660 Datasheet HTML 10Page - Analog Devices AD660 Datasheet HTML 11Page - Analog Devices AD660 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD660
REV. A
–12–
GROUNDING
The AD660 has two pins, designated analog ground (AGND)
and digital ground (DGND.) The analog ground pin is the
“high quality” ground reference point for the device. Any exter-
nal loads on the output of the AD660 should be returned to
analog ground. If an external reference is used, this should also
be returned to the analog ground.
If a single AD660 is used with separate analog and digital
ground planes, connect the analog ground plane to AGND and
the digital ground plane to DGND keeping lead lengths as short
as possible. Then connect AGND and DGND together at the
AD660. If multiple AD660s are used or the AD660 shares ana-
log supplies with other components, connect the analog and
digital returns together once at the power supplies rather than at
each chip. This single interconnection of grounds prevents large
ground loops and consequently prevents digital currents from
flowing through the analog ground.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
N-24
24-Lead Plastic DIP
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.100
(2.54)
BSC
PIN 1
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
0.070 (1.77)
0.045 (1.15)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.280 (7.11)
0.240 (6.10)
0.200 (5.05)
0.125 (3.18)
0.150
(3.81)
MIN
1.275 (32.30)
1.125 (28.60)
2
4
1
13
12
Q-24
24-Lead Cerdip
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
15
°
0
°
1.060 (26.92) MAX
0.200
(5.08)
MAX
0.023 (0.58)
0.014 (0.36)
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
SEATING
PLANE
0.005 (0.13) MIN
PIN 1
1
2
4
0.098 (2.49) MAX
0.310 (7.87)
0.220 (5.59)
12
1
3
R-24
24-Lead Small Outline (SOIC)
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8
°
0
°
0.0291 (0.74)
0.0098 (0.25) x 45°
PIN 1
0.2992 (7.60)
0.2914 (7.40)
0.4193 (10.65)
0.3937 (10.00)
13
12
1
24
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.1043 (2.65)
0.0926 (2.35)
0.6141 (15.60)
0.5985 (15.20)
0.0118 (0.30)
0.0040 (0.10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com