Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD660 Datasheet(PDF) 4 Page - Analog Devices

Part # AD660
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660 Datasheet(HTML) 4 Page - Analog Devices

  AD660 Datasheet HTML 1Page - Analog Devices AD660 Datasheet HTML 2Page - Analog Devices AD660 Datasheet HTML 3Page - Analog Devices AD660 Datasheet HTML 4Page - Analog Devices AD660 Datasheet HTML 5Page - Analog Devices AD660 Datasheet HTML 6Page - Analog Devices AD660 Datasheet HTML 7Page - Analog Devices AD660 Datasheet HTML 8Page - Analog Devices AD660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD660
REV. A
–4–
ORDERING GUIDE
Temperature
Linearity Error Max
Linearity Error Max
Gain TC max Package
Package
Model
Range
+25
°CT
MIN – TMAX
ppm/
°C
Description Option*
AD660AN
–40
°C to +85°C
±2 LSB
±4 LSB
25
Plastic DIP
N-24
AD660AR
–40
°C to +85°C
±2 LSB
±4 LSB
25
SOIC
R-24
AD660BN
–40
°C to +85°C
±1 LSB
±2 LSB
15
Plastic DIP
N-24
AD660BR
–40
°C to +85°C
±1 LSB
±2 LSB
15
SOIC
R-24
AD660SQ
–55
°C to +125°C ±2 LSB
±4 LSB
25
Cerdip
Q-24
AD660SQ/883B** –55
°C to +125°C ±2 LSB
**
**
**
**
*N = Plastic DIP; Q = Cerdip; R = SOIC.
**Refer to AD660/883B military data sheet.
TIMING CHARACTERISTICS V
CC = +15 V, VEE = –15 V, VLL = +5 V, VHI = 2.4 V, VLO = 0.4 V
Parameter
Limit +25
°C
Limit –55
°C to +125°C
Units
(Figure la)
tCS
40
50
ns min
tDS
40
50
ns min
tDH
0
10
ns min
tBES
40
50
ns min
tBEH
0
10
ns min
tLH
80
100
ns min
tLW
40
50
ns min
(Figure lb)
tCLK
80
100
ns min
tLO
30
50
ns min
tHI
30
50
ns min
tSS
0
10
ns min
tDS
40
50
ns min
tDH
0
10
ns min
tSH
0
10
ns min
tLH
80
100
ns min
tLW
40
50
ns min
(Figure lc)
tCLR
80
110
ns min
tSET
80
110
ns min
tHOLD
0
10
ns min
(Figure ld)
tPROP
50
100
ns min
tDS
50
80
ns min
Specifications subject to change without notice.
t
LW
t
LH
t
CS
t
DH
t
DS
BIT 0–7
HBE OR
LBE
CS
LDAC
t
BES
t
BEH
Figure 1a. AD660 Byte Load Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com