Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD660 Datasheet(PDF) 1 Page - Analog Devices

Part # AD660
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660 Datasheet(HTML) 1 Page - Analog Devices

  AD660 Datasheet HTML 1Page - Analog Devices AD660 Datasheet HTML 2Page - Analog Devices AD660 Datasheet HTML 3Page - Analog Devices AD660 Datasheet HTML 4Page - Analog Devices AD660 Datasheet HTML 5Page - Analog Devices AD660 Datasheet HTML 6Page - Analog Devices AD660 Datasheet HTML 7Page - Analog Devices AD660 Datasheet HTML 8Page - Analog Devices AD660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
16-BIT LATCH
16-BIT DAC
CONTROL
LOGIC
+10V REF
16-BIT LATCH
20
24
22
21
5
11
12
16
15
14
13
17
18
19
23
AD660
10k
10.05k
10k
SIN/
DB0
DB7
S
OUT
SPAN/
BIP
OFFSET
V
OUT
AGND
REF OUT
REF IN
LDAC
SER
DGND
–V
EE
+V
CC
+V
LL
1
2
3
4
LBE
CS
HBE
CLR
MSB/LSB/
DB1
UNI/BIP CLR/
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Monolithic 16-Bit
Serial/Byte DACPORT
AD660
FEATURES
Complete 16-Bit D/A Function
On-Chip Output Amplifier
On-Chip Buried Zener Voltage Reference
1 LSB Integral Linearity
15-Bit Monotonic over Temperature
Microprocessor Compatible
Serial or Byte Input
Double Buffered Latches
Fast (40 ns) Write Pulse
Asynchronous Clear (to 0 V) Function
Serial Output Pin Facilitates Daisy Chaining
Unipolar or Bipolar Output
Low Glitch: 15 nV-s
Low THD+N: 0.009%
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT DESCRIPTION
The AD660 DACPORT
® is a complete 16-bit monolithic D/A
converter with an on-board voltage reference, double buffered
latches and output amplifier. It is manufactured on Analog De-
vices’ BiMOS II process. This process allows the fabrication of
low power CMOS logic functions on the same chip as high pre-
cision bipolar linear circuitry.
The AD660’s architecture ensures 15-bit monotonicity over
time and temperature. Integral and differential nonlinearity is
maintained at
±0.003% max. The on-chip output amplifier pro-
vides a voltage output settling time of 10
µs to within 1/2 LSB
for a full-scale step.
The AD660 has an extremely flexible digital interface. Data can
be loaded into the AD660 in serial mode or as two 8-bit bytes.
This is made possible by two digital input pins which have dual
functions. The serial mode input format is pin selectable to be
MSB or LSB first. The serial output pin allows the user to daisy
chain several AD660s by shifting the data through the input
latch into the next DAC thus minimizing the number of control
lines required to SIN, CS and LDAC. The byte mode input for-
mat is also flexible in that the high byte or low byte data can be
loaded first. The double buffered latch structure eliminates data
skew errors and provides for simultaneous updating of DACs in
a multi-DAC system.
The AD660 is available in five grades. AN and BN versions are
specified from –40
°C to +85°C and are packaged in a 24-pin
300 mil plastic DIP. AR and BR versions are also specified from
–40
°C to +85°C and are packaged in a 24-pin SOIC. The SQ
version is packaged in a 24-pin 300 mil cerdip package and is
also available compliant to MIL-STD-883. Refer to the AD660/
883B data sheet for specifications and test conditions.
DACPORT is a registered trademark of Analog Devices, Inc.
PRODUCT HIGHLIGHTS
1. The AD660 is a complete 16-bit DAC, with a voltage refer-
ence, double buffered latches and output amplifier on a sin-
gle chip.
2. The internal buried Zener reference is laser trimmed to
10.000 volts with a
±0.1% maximum error and a tempera-
ture drift performance of
±15 ppm/°C. The reference is
available for external applications.
3. The output range of the AD660 is pin programmable and can
be set to provide a unipolar output range of 0 V to +10 V or
a bipolar output range of –10 V to +10 V. No external com-
ponents are required.
4. The AD660 is both dc and ac specified. DC specifications
include
±1 LSB INL and ±1 LSB DNL errors. AC specifi-
cations include 0.009% THD+N and 83 dB SNR.
5. The double buffered latches on the AD660 eliminate data
skew errors and allow simultaneous updating of DACs in
multi-DAC applications.
6. The CLEAR function can asynchronously set the output to
0 V regardless of whether the DAC is in unipolar or bipolar
mode.
7. The output amplifier settles within 10
µs to ±1/2 LSB for a
full-scale step and within 2.5
µs for a 1 LSB step over tem-
perature. The output glitch is typically 15 nV-s when a full-
scale step is loaded.


Similar Part No. - AD660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD660 AD-AD660 Datasheet
351Kb / 21P
Monolithic 16-Bit Serial/Byte DACPORT
6/08-Rev. A to Rev. B
AD6600 AD-AD6600 Datasheet
303Kb / 24P
Dual Channel, Gain-Ranging ADC with RSSI
AD6600 AD-AD6600 Datasheet
339Kb / 25P
Dual Channel, Gain-Ranging
23-Feb-2017
AD6600AST AD-AD6600AST Datasheet
303Kb / 24P
Dual Channel, Gain-Ranging ADC with RSSI
AD6600AST AD-AD6600AST Datasheet
339Kb / 25P
Dual Channel, Gain-Ranging
23-Feb-2017
More results

Similar Description - AD660

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD669 AD-AD669 Datasheet
460Kb / 12P
Monolithic 16-Bit DACPORT
AD760 AD-AD760 Datasheet
324Kb / 12P
16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV.A
AD669ARZ AD-AD669ARZ Datasheet
426Kb / 12P
Monolithic 16-Bit DACPORT
REV. A
AD660 AD-AD660_08 Datasheet
337Kb / 20P
Monolithic 16-Bit Serial/Byte DACPORT
REV. B
AD669ANZ AD-AD669ANZ Datasheet
324Kb / 12P
Monolithic 16-Bit DACPORT
REV. A
AD669SQ AD-AD669SQ Datasheet
324Kb / 12P
Monolithic 16-Bit DACPORT
REV. A
AD669BRZ AD-AD669BRZ Datasheet
324Kb / 12P
Monolithic 16-Bit DACPORT
REV. A
AD669 AD-AD669_15 Datasheet
426Kb / 12P
Monolithic 16-Bit DACPORT
REV. A
AD760 AD-AD760_15 Datasheet
327Kb / 12P
16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
Monolithic 16-Bit Serial/Byte DACPORT
6/08-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com