Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD660 Datasheet(PDF) 2 Page - Analog Devices

Part # AD660
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660 Datasheet(HTML) 2 Page - Analog Devices

  AD660 Datasheet HTML 1Page - Analog Devices AD660 Datasheet HTML 2Page - Analog Devices AD660 Datasheet HTML 3Page - Analog Devices AD660 Datasheet HTML 4Page - Analog Devices AD660 Datasheet HTML 5Page - Analog Devices AD660 Datasheet HTML 6Page - Analog Devices AD660 Datasheet HTML 7Page - Analog Devices AD660 Datasheet HTML 8Page - Analog Devices AD660 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD660–SPECIFICATIONS (T
A = +25 C, VCC = +15 V, VEE = –15 V, VLL = +5 V unless otherwise noted)
AD660AN/AR/SQ
AD660BN/BR
Parameter
Min
Typ
Max
Min
Typ
Max
Units
RESOLUTION
16
16
Bits
DIGITAL INPUTS (TMIN to TMAX)
VIH (Logic “1”)
2.0
5.5
*
*
Volts
VIL (Logic “0”)
0
0.8
*
*
Volts
IIH (VIH = 5 5 V)
±10
*
µA
IIL (VIL = 0 V)
±10
*
µA
TRANSFER FUNCTION CHARACTERISTICS
1
Integral Nonlinearity
±2
±1
LSB
TMIN to TMAX
±4
±2
LSB
Differential Nonlinearity
±2
±1
LSB
TMIN to TMAX
±4
±2
LSB
Monotonicity Over Temperature
14
15
Bits
Gain Error
2, 3
±0.10
*
% of FSR
Gain Drift (TMIN to TMAX)
25
15
ppm/
°C
DAC Gain Error
4
±0.05
*
% of FSR
DAC Gain Drift
4
10
*
ppm/
°C
Unipolar Offset
±2.5
*
mV
Unipolar Offset Drift (TMIN to TMAX)
3
*
ppm/
°C
Bipolar Zero Error
±7.5
*
mV
Bipolar Zero Error Drift (TMIN to TMAX)
5
*
ppm/
°C
REFERENCE INPUT
Input Resistance
7
10
13
*
*
*
k
Ω
Bipolar Offset Input Resistance
7
10
13
*
*
*
k
Ω
REFERENCE OUTPUT
Voltage
9.99
10.00
10.01
*
*
*
Volts
Drift
25
15
ppm/
°C
External Current
5
24
*
*
mA
Capacitive Load
1000
*
pF
Short Circuit Current
25
*
mA
OUTPUT CHARACTERISTICS
Output Voltage Range
Unipolar Configuration
0
+10
*
*
Volts
Bipolar Configuration
–10
+10
*
*
Volts
Output Current
5
*
mA
Capacitive Load
1000
*
pF
Short Circuit Current
25
*
mA
POWER SUPPLIES
Voltage
VCC
6
+13.5
+16.5
*
*
Volts
VEE
6
–13.5
–16.5
*
*
Volts
VLL
+4.5
+5.5
*
*
Volts
Current (No Load)
ICC
+12
+18
*
*
mA
IEE
–12
–18
*
*
mA
ILL
@ VIH, VIL = 5, 0 V
0.3
2
*
*
mA
@ VIH, VIL = 2.4, 0.4 V
3
7.5
*
*
mA
Power Supply Sensitivity
1
2
*
*
ppm/%
Power Dissipation (Static, No Load)
365
625
*
*
mW
TEMPERATURE RANGE
Specified Performance (A, B)
–40
+85
*
*
°C
Specified Performance (S)
–55
+125
°C
NOTES
1For 16-bit resolution, 1 LSB = 0.0015% of FSR. For 15-bit resolution, 1 LSB = 0.003% of FSR. For 14-bit resolution, 1 LSB = 0.006% of FSR. FSR stands for
Full-Scale Range and is 10 V in a Unipolar Mode and 20 V in Bipolar Mode.
2Gain error and gain drift are measured using the internal reference. The internal reference is the main contributor to gain drift. If lower gain drift is required, the
AD660 can be used with a precision external reference such as the AD587, AD586 or AD688.
3Gain Error is measured with fixed 50
Ω resistors as shown in the Application section. Eliminating these resistors increases the gain error by 0.25% of FSR (Unipolar
mode) or 0.50% of FSR (Bipolar mode).
4DAC Gain Error and Drift are measured with an external voltage reference. They represent the error contributed by the DAC alone, for use with an external reference.
5External current is defined as the current available in addition to that supplied to REF IN and SPAN/BIPOLAR OFFSET on the AD660.
6Operation on
±12 V supplies is possible using an external reference such as the AD586 and reducing the output range. Refer to the Internal/External Reference section.
*Indicates that the specification is the same as AD660AN/AR/SQ.
Specifications subject to change without notice.
REV. A
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com