Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD704 Datasheet(PDF) 5 Page - Analog Devices

Part # AD704
Description  Quad Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 5 Page - Analog Devices

  AD704 Datasheet HTML 1Page - Analog Devices AD704 Datasheet HTML 2Page - Analog Devices AD704 Datasheet HTML 3Page - Analog Devices AD704 Datasheet HTML 4Page - Analog Devices AD704 Datasheet HTML 5Page - Analog Devices AD704 Datasheet HTML 6Page - Analog Devices AD704 Datasheet HTML 7Page - Analog Devices AD704 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD704
REV. A
–5–
120
100
80
60
40
20
0
–15
–10
–5
0
5
10
15
COMMON MODE VOLTAGE – Volts
NEGATIVE I B
POSITIVE IB
Figure 11. Input Bias Current vs.
Common-Mode Voltage
Figure 14. 0.1 Hz to 10 Hz Noise
Voltage
20
0.1
1
10
100
1k
10k
100k 1M
FREQUENCY – Hz
180
160
140
120
100
80
60
40
+PSR
–PSR
V =
±15V
S
T = +25
°C
A
Figure 17. Power Supply Rejection
vs. Frequency
4
3
2
1
0
01
2
3
4
5
WARM-UP TIME – Minutes
Figure 10. Change in Input Off-
set
Voltage vs. Warm-Up Time
FREQUENCY – Hz
1000
100
10
1
110
100
1000
100
Ω
10k
Ω
20M
Ω
VOUT
Figure 13. Input Noise Current
Spectral Density
+160
+140
+120
+100
+80
+60
+40
+20
0
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY – Hz
V
=
± 15V
S
Figure 16. Common-Mode
Rejection vs. Frequency
50
40
30
20
10
0
–0.8
–0.4
0
+0.4
+0.8
INPUT OFFSET VOLTAGE DRIFT –
µV/°C
Figure 9. Typical Distribution of
Offset Voltage Drift
FREQUENCY – Hz
1000
100
10
1
1
10
100
1000
Figure 12. Input Noise Voltage
Spectral Density
FIGURE 15
500
450
400
350
300
0
5
10
15
20
SUPPLY VOLTAGE –
±Volts
+25
°C
–55
°C
+125
°C
Figure 15. Quiescent Supply
Current vs. Supply Voltage (per
Amplifier)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com