Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD704 Datasheet(PDF) 4 Page - Analog Devices

Part # AD704
Description  Quad Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 4 Page - Analog Devices

  AD704 Datasheet HTML 1Page - Analog Devices AD704 Datasheet HTML 2Page - Analog Devices AD704 Datasheet HTML 3Page - Analog Devices AD704 Datasheet HTML 4Page - Analog Devices AD704 Datasheet HTML 5Page - Analog Devices AD704 Datasheet HTML 6Page - Analog Devices AD704 Datasheet HTML 7Page - Analog Devices AD704 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD704–Typical Characteristics
REV. A
–4–
(@ +25 C, VS =
15 V, unless otherwise noted)
ORDERING GUIDE
Model
Temperature Range
Package Option*
AD704JN
0
°C to +70°C
N-14
AD704JR
0
°C to +70°C
R-16
AD704JR-/REEL
0
°C to +70°C
Tape and Reel
AD704KN
0
°C to +70°C
N-14
AD704AN
–40
°C to +85°C
N-14
AD704AQ
–40
°C to +85°C
Q-14
AD704AR
–40
°C to +85°C
R-16
AD704AR-REEL
–40
°C to +85°C
Tape and Reel
AD704BQ
–40
°C to +85°C
Q-14
AD704SE/883B
–55
°C to +125°C
E-20A
AD704TQ
–55
°C to +125°C
Q-14
AD704TQ/883B
–55
°C to +125°C
Q-14
Chips are also available.
*E = Leadless Ceramic Chip Carrier; N = Plastic DIP; Q = Cerdip;
R = Small Outline (SOIC).
50
40
30
20
10
0
–80
–40
0
+40
+80
INPUT OFFSET VOLTAGE –
µV
Figure 3. Typical Distribution of
Input Offset Voltage
0
5
10
15
20
+0.5
+1.0
+1.5
–1.5
–1.0
–0.5
SUPPLY VOLTAGE – Volts
+VS
–VS
Figure 6. Input Common-Mode
Voltage Range vs. Supply Voltage
50
40
30
20
10
0
–160
–80
0
+80
+160
INPUT BIAS CURRENT – pA
Figure 4. Typical Distribution of
Input Bias Current
35
30
25
20
15
10
5
0
1M
FREQUENCY – Hz
1k
10k
100k
Figure 7. Large Signal Frequency
Response
50
40
30
20
10
0
–120
–60
0
+60
+120
INPUT OFFSET CURRENT – pA
Figure 5. Typical Distribution of
Input Offset Current
100
10
1.0
0.1
1k
10k
100k
1M
10M
100M
SOURCE RESISTANCE –
Ω
SOURCE RESISTANCE
MAY BE EITHER BALANCED
OR UNBALANCED
Figure 8. Offset Voltage Drift vs.
Source Resistance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com