Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD704 Datasheet(PDF) 3 Page - Analog Devices

Part # AD704
Description  Quad Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 3 Page - Analog Devices

  AD704 Datasheet HTML 1Page - Analog Devices AD704 Datasheet HTML 2Page - Analog Devices AD704 Datasheet HTML 3Page - Analog Devices AD704 Datasheet HTML 4Page - Analog Devices AD704 Datasheet HTML 5Page - Analog Devices AD704 Datasheet HTML 6Page - Analog Devices AD704 Datasheet HTML 7Page - Analog Devices AD704 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
–80
–100
–120
–140
–160
10
100
1k
10k
100k
FREQUENCY – Hz
AMP4
AMP2
AMP3
Figure 2b. Crosstalk vs. Frequency
AD704
Model
AD704J/A
AD704K/B
AD704T
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT CHARACTERISTICS
Voltage Swing
RLOAD = 10 kΩ
TMIN–TMAX
±13
±14
± 13 ±14
±13
±14
V
Current
Short Circuit
±15
±15
±15
mA
CAPACITIVE LOAD
Drive Capability
Gain = + 1
10,000
10,000
10,000
pF
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating Range
±2.0
±18
±2.0
±18
±2.0
±18
V
Quiescent Current
1.5
2.4
1.5
2.4
1.5
2.4
mA
TMIN–TMAX
1.6
2.6
1.6
2.6
1.6
2.6
mA
TRANSISTOR COUNT
# of Transistors
180
180
180
NOTES
1Bias current specifications are guaranteed maximum at either input.
2Input bias current match is the maximum difference between corresponding inputs of all four amplifiers.
3CMRR match is the difference of
∆V
OS/∆VCM between any two amplifiers, expressed in dB.
4PSRR match is the difference between
∆V
OS/∆VSUPPLY for any two amplifiers, expressed in dB.
5See Figure 2a for test circuit.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation (+25
°C) . . . . . . . . . . . See Note 2
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage3 . . . . . . . . . . . . . . . . . . . . . . .
±0.7 V
Output Short Circuit Duration (Single Input) . . . . . Indefinite
Storage Temperature Range
(Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
(N, R) . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD704J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
AD704A/B . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD704T . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 10 seconds) . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Specification is for device in free air:
14-Pin Plastic Package:
θ
JA = 150°C/Watt
14-Pin Cerdip Package:
θ
JA = 110°C/Watt
16-Pin SOIC Package:
θ
JA = 100°C/Watt
20-Terminal LCC Package:
θ
JA = 150°C/Watt
3The input pins of this amplifier are protected by back-to-back diodes. If the
differential voltage exceeds
±0.7 volts, external series protection resistors should
be added to limit the input current to less than 25 mA.
+V
S
–V
S
1/4
AD704
ALL 4 AMPLIFIERS ARE CONNECTED AS SHOWN
OUTPUT
THE SIGNAL INPUT (SUCH THAT THE AMPLIFIER'S OUTPUT IS AT MAX
AMPLITUDE WITHOUT CLIPPING OR SLEW LIMITING) IS APPLIED TO ONE
AMPLIFIER AT A TIME. THE OUTPUTS OF THE OTHER THREE AMPLIFIERS ARE
THEN MEASURED FOR CROSSTALK.
AD704
PIN 4
AD704
PIN 11
COM
0.1 µF
1µF
0.1 µF
1µF
INPUT
SIGNAL
*
*
9k
Ω
1k
Ω
1k
Ω
2.5k
Ω
Figure 2a. Crosstalk Test Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com