Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD704 Datasheet(PDF) 8 Page - Analog Devices

Part # AD704
Description  Quad Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 8 Page - Analog Devices

  AD704 Datasheet HTML 1Page - Analog Devices AD704 Datasheet HTML 2Page - Analog Devices AD704 Datasheet HTML 3Page - Analog Devices AD704 Datasheet HTML 4Page - Analog Devices AD704 Datasheet HTML 5Page - Analog Devices AD704 Datasheet HTML 6Page - Analog Devices AD704 Datasheet HTML 7Page - Analog Devices AD704 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD704
REV. A
–8–
14-Pin Cerdip (Q) Package
16-Pin Plastic SO (R) Package
14-Pin Plastic DIP (N) Package
20-Terminal LCCC (E) Package
0.358 (9.09)
0.342 (8.69)
NO. 1 PIN
INDEX
0.040 (1.02)
x 45
° REF
3 PLCS
0.020 (0.51)
x 45
° REF
0.050
(1.27)
BSC
0.100 (2.54)
0.064 (1.63)
0.028 (0.71)
0.022 (0.56)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Table II. 1 Hz, 4-Pole Low-Pass Filter Recommended Component Values
Section 1
Section 2
Desired Low
Frequency
Frequency
C1
C2
C3
C4
Pass Response
(Hz)
Q
(Hz)
Q
( F)
( F)
( F)
( F)
Bessel
1.43
0.522
1.60
0.806
0.116
0.107
0.160
0.0616
Butterworth
1.00
0.541
1.00
1.31
0.172
0.147
0.416
0.0609
0.1 dB Chebychev
0.648
0.619
0.948
2.18
0.304
0.198
0.733
0.0385
0.2 dB Chebychev
0.603
0.646
0.941
2.44
0.341
0.204
0.823
0.0347
0.5 dB Chebychev
0.540
0.705
0.932
2.94
0.416
0.209
1.00
0.0290
1.0 dB Chebychev
0.492
0.785
0.925
3.56
0.508
0.206
1.23
0.0242
Specified Values are for a –3 dB point of 1.0 Hz. For other frequencies simply scale capacitors C1 through C4 directly; i.e., for 3 Hz Bessel response, C1 = 0.0387
µF,
C2 = 0.0357
µF, C3 = 0.0533 µF, C4 = 0.0205 µF.
The 1 Hz, 4-pole active filter offers dc precision with a mini-
mum of components and cost. The low current noise, IOS, and
IB allow the use of 1 M
Ω resistors without sacrificing the
1
µV/°C drift of the AD704. This means lower capacitor values
may be used, reducing cost and space. Furthermore, since the
AD704’s IB is as low as its IOS, over most of the MIL tempera-
ture range, most applications do not require the use of the
normal balancing resistor (with its stability capacitor). Adding the
optional balancing resistor enhances performance at high
temperatures, as shown in Figure 26. Table II gives capacitor
values for several common low pass responses.
180
120
60
0
–60
–120
–180
–40
0
+40
+80
+120
WITHOUT OPTIONAL
BALANCE RESISTOR, R3
TEMPERATURE – C
o
WITH OPTIONAL
BALANCE RESISTOR, R3
Figure 26. VOS vs. Temperature Performance of the 1 Hz
Filter Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com