Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPLL Datasheet(PDF) 12 Page - Exar Corporation

Part # CPLL
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CPLL Datasheet(HTML) 12 Page - Exar Corporation

Back Button CPLL Datasheet HTML 8Page - Exar Corporation CPLL Datasheet HTML 9Page - Exar Corporation CPLL Datasheet HTML 10Page - Exar Corporation CPLL Datasheet HTML 11Page - Exar Corporation CPLL Datasheet HTML 12Page - Exar Corporation CPLL Datasheet HTML 13Page - Exar Corporation CPLL Datasheet HTML 14Page - Exar Corporation CPLL Datasheet HTML 15Page - Exar Corporation CPLL Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
12/29
Rev. 1.0.1
FEATURES AND BENEFITS
Programmable Power Benefits
 Fully Configurable
 Output set point
 Feedback compensation
 Frequency set point
 Under voltage lock out
 Input voltage measurement
 Gate drive dead time
 Reduced Development Time
 Configurable and re-configurable for
different Vout, Iout, Cout, and Inductor
values
 No need to change external passives for a
new output specification.
 Higher integration and Reliability
 Many external circuits used in the past
can be eliminated significantly improving
reliability.
PowerArchitect™ 5.0 Design and
Configuration Software
 Wizard quickly generates a base design
 Calculates all configuration registers
 Projects can be saved and/or recalled
 GPIOs can be configured easily and
intuitively
 “Dashboard” Interface can be used for
real-time monitoring and debug
System Benefits
 Reliability is enhanced via communication
with the system controller which can obtain
real time data on an output voltage, input
voltage and current.
 System processors can communicate with
the XRP7724 directly to obtain data or
make adjustments to react to circuit
conditions
 A system process or could also be
configured to log and analyze operating
history, perform diagnostics and if required,
take the supply off-line after making other
system adjustments.
System Integration Capabilities
 Single supply operation
 I2C interface allows:
 Communication with a System Controller
or other Power Management devices for
optimized system function
 Access to modify or read internal
registers that control or monitor:
 Output Current
 Input and Output Voltage
 Soft-Start/Soft-Stop Time
 ‘Power Good’
 Part Temperature
 Enable/Disable Outputs
 Over Current
 Over Voltage
 Temperature Faults
 Adjusting fault limits and
disabling/enabling faults
 Packet Error Checking (PEC) on I2C
communication
 5 GPIO pins with a wide range of
configurability
 Fault reporting (including UVLO
Warn/Fault, OCP Warn/Fault, OVP,
Temperature, Soft-Start in progress,
Power Good, System Reset)
 Allows a Logic Level interface with other
non-digital IC’s or as logic inputs to other
devices
 Frequency and Synchronization
Capability
 Selectable switching frequency between
105kHz and 1.2MHz
 Main oscillator clock and DPWM clock can
be synchronized to external sources
 ‘Master’, ‘Slave’ and ‘Stand-alone’
Configurations are possible
 Internal MOSFET Drivers
 Internal FET drivers (4Ω/2Ω) per channel
 Built-In Automatic Dead-time adjustment
 30ns Rise and Fall times
 4 Independent SMPS channels and 2
LDOs in a 7x7mm TQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com