Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPLL Datasheet(PDF) 5 Page - Exar Corporation

Part # CPLL
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CPLL Datasheet(HTML) 5 Page - Exar Corporation

  CPLL Datasheet HTML 1Page - Exar Corporation CPLL Datasheet HTML 2Page - Exar Corporation CPLL Datasheet HTML 3Page - Exar Corporation CPLL Datasheet HTML 4Page - Exar Corporation CPLL Datasheet HTML 5Page - Exar Corporation CPLL Datasheet HTML 6Page - Exar Corporation CPLL Datasheet HTML 7Page - Exar Corporation CPLL Datasheet HTML 8Page - Exar Corporation CPLL Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
5/29
Rev. 1.0.1
PWM GENERATORS AND OSCILLATOR
Parameter
Min.
Typ.
Max.
Units
Conditions
Switching Frequency (fsw)
Range
105
1230
kHz
Steps defined in table
fsw Accuracy
–5
5
%
CLOCK IN
Synchronization Frequency
20
25.7
31
MHz
When synchronizing to an external clock
(Range 1)
CLOCK IN
Synchronization Frequency
10
12.8
15.5
MHz
When synchronizing to an external clock
(Range 2)
GPIOS5
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level
0.8
V
Input Pin High Level
2.0
V
Input Pin Leakage Current
1
µA
Output Pin Low Level
0.4
V
ISINK = 1mA
Output Pin High Level
2.4
V
ISOURCE = 1mA
Output Pin High Level
3.3
3.6
V
ISOURCE = 0mA
Output Pin High-Z leakage
Current (GPIO pins only)
10
µA
Maximum Sink Current
1
mA
Open Drain Mode
I/O Frequency
30
MHz
Note 5: 3.3V CMOS logic compatible, 5V tolerant.
PSIOS6
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Pin Low Level
0.8
V
Input Pin High Level
2.0
V
Input Pin Leakage Current
1
µA
Output Pin Low Level
0.4
V
ISINK = 3mA
Output Pin High Level
15
V
Open Drain. External pull-up resistor to
user supply
Output Pin High-Z leakage
Current (PSIO pins only)
10
µA
I/O Frequency
5
MHz
Note 6: 3.3V/5.0V CMOS logic compatible, maximum rating of 15.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com