Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPLL Datasheet(PDF) 26 Page - Exar Corporation

Part # CPLL
Description  Quad Channel Digital PWM/PFM Programmable Power Management System
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CPLL Datasheet(HTML) 26 Page - Exar Corporation

Back Button CPLL Datasheet HTML 21Page - Exar Corporation CPLL Datasheet HTML 22Page - Exar Corporation CPLL Datasheet HTML 23Page - Exar Corporation CPLL Datasheet HTML 24Page - Exar Corporation CPLL Datasheet HTML 25Page - Exar Corporation CPLL Datasheet HTML 26Page - Exar Corporation CPLL Datasheet HTML 27Page - Exar Corporation CPLL Datasheet HTML 28Page - Exar Corporation CPLL Datasheet HTML 29Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
X
XR
RP
P7
77
72
24
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M/
/P
PF
FM
M
P
Prro
og
grra
am
mm
ma
ab
blle
e P
Po
ow
we
err M
Ma
an
na
ag
ge
em
me
en
ntt S
Sy
ys
stte
em
m
© 2012 Exar Corporation
26/29
Rev. 1.0.1
By clicking on the Flash button, user will start
programming
sequence
of
the
design
configuration into the Flash NVM. After the
programming sequence completes, the chip
will reset (if automatically reset After Flashing
box is checked), and boot the design
configuration from the Flash.
For users that wish to create their own
programming procedure so they can re-
program Flash in-circuit using their system
software, please contact Exar for a list of I2C
Flash Commands needed.
During a design process a user might want to
repeatedly download a design configuration
onto run time registers without saving it in
Flash. This is done through PA5 as well.
ENABLING XRP7724
XRP7724 has a weak internal pull-up ensuring
it gets enabled as soon as internal voltage
supplies
have
ramped up
and
are
in
regulation.
Driving the Enable pin low externally will keep
the controller in the shut-down mode. A
simple
open
drain
pull
down
is
the
recommended way to shut XRP7724 down.
If the Enable pin is driven high externally to
control XRP7724 coming out of the shut-down
mode, care must be taken in such a scenario
to ensure the Enable pin is driven high after
Vcc gets supplied to the controller.
In the configuration when Vcc = LDO5 =
4.75V to 5.5V, disabling the device by
grounding
the
Enable
pin
is
not
recommended. At this time we recommend
leaving the Enable pin floating and placing the
controller in the “Standby Mode” instead in
this scenario. The standby mode is defined as
the state when all switching channels and
LDO3.3 are disabled, all GPIO/PSIOs are
programmed as inputs, and system clock is
disabled. In this state chip consumes 440uA
typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com