Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH6301-I/ML Datasheet(PDF) 22 Page - Microchip Technology

Part # MTCH6301-I/ML
Description  The MTCH6301 is a turnkey projected capacitive con-troller that allows easy integration of multi-touch and gestures to create a rich user interface in your design.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6301-I/ML Datasheet(HTML) 22 Page - Microchip Technology

Back Button MTCH6301-I/ML Datasheet HTML 18Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 19Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 20Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 21Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 22Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 23Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 24Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 25Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MTCH6301 PROJECTED CAPACITIVE TOUCH CONTROLLER
DS41663A-page 22
 2012 Microchip Technology Inc.
8.3
AC Characteristics and Timing
Parameters
FIGURE 8-1:
I2C™ BUS START/STOP BIT TIMING CHARACTERISTICS
TABLE 8-4:
PIN INPUT AND OUTPUT SPECIFICATIONS
Symbol
Characteristic / Pins
Min.
Max.
Units
Conditions
VIL
Input Low Voltage
RX, TX
VSS
0.15 VDD
V—
SDA, SCL
VSS
0.3 VDD
V
Note 1
VIH
Input High Voltage
RX, TX
0.65 VDD
VDD
V
Note 1
SDA, SCL
0.65 VDD
VDD
V
Note 1
VOL
Output Low Voltage
INT, RX, TX
VSS
0.4
V
IOL < 10 mA, VDD = 3.3V
SDA, SCL
VSS
0.4
V
IOL < 10 mA, VDD = 3.3V(1,2)
VOH
Output High Voltage
INT, RX, TX
2.4
VDD
V
IOH < 10mA, VDD = 3.3V
SDA, SCL
—
—
V
Note 2
VBOR
Brown-out event on VDD
Transition high-to-low
2.0
2.3
V
Min. not tested
Note 1:
Parameter is characterized, but not tested.
2:
Open drain structure.
TABLE 8-5:
AC CHARACTERISTICS AND TIMING PARAMETERS
Symbol
Characteristic
Min.
Typ.
Max
Units
Conditions
TPU
Power-up Period
—
400
—
µs
Notes 1, 2
TBOR
Brown-out Pulse Width (Low)
—
1
—
µs
Note 1
Note 1:
Parameter is characterized, but not tested.
2:
Power-up period is for core operation to begin, and does not reflect response time to a touch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com