Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH6301-I/ML Datasheet(PDF) 23 Page - Microchip Technology

Part # MTCH6301-I/ML
Description  The MTCH6301 is a turnkey projected capacitive con-troller that allows easy integration of multi-touch and gestures to create a rich user interface in your design.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6301-I/ML Datasheet(HTML) 23 Page - Microchip Technology

Back Button MTCH6301-I/ML Datasheet HTML 19Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 20Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 21Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 22Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 23Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 24Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 25Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 26Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
 2012 Microchip Technology Inc.
DS41663A-page 23
MTCH6301 PROJECTED CAPACITIVE TOUCH CONTROLLER
FIGURE 8-2:
I2C™ BUS DATA TIMING CHARACTERISTICS
TABLE 8-6:
I2C™ BUS DATA TIMING REQUIREMENTS
Parameter
Number
Symbol
Characteristic
Min.
Max.
Units
Conditions
IS1
TLO:SCL Clock Low Time
100 kHz Mode
4.7
—
µs
—
400 kHz Mode
1.3
—
µs
IS2
THI:SCL
Clock High Time 100 kHz Mode
4.0
—
µs
—
400 kHz Mode
.6
—
µs
IS3
TF:SCL
SDA and SCL
Fall Time
100 kHz Mode
—
300
ns
—
400 kHz Mode 20+0.1 CB
300
ns
IS4
TR:SCL
SDA and SCL
Rise Time
100 kHz Mode
—
1000
ns
—
400 kHz Mode 20+0.1 CB
300
ns
IS5
TSU:DAT Data Input Setup
Time
100 kHz Mode
250
—
ns
—
400 kHz Mode
100
—
ns
IS6
THD:DAT Data Input Hold
Time
100 kHz Mode
0
—
ns
—
400 kHz Mode
0
0.9
µs
IS7
THD:STA Start Condition
Setup Time
100 kHz Mode
4700
—
ns
Only relevant for repeated
start condition
400 kHz Mode
600
—
ns
IS8
THD:STA Start Condition
Hold Time
100 kHz Mode
4000
—
ns
After this period, the first
clock pulse is generated
400 kHz Mode
600
—
ns
IS9
TSU:STO Stop Condition
Setup Time
100 kHz Mode
4000
—
ns
—
400 kHz Mode
600
—
ns
IS10
THD:STO Stop Condition
Hold Time
100 kHz Mode
4000
—
ns
—
400 kHz Mode
600
—
ns
IS11
TAA:SCL Output Valid
from Clock
100 kHz Mode
0
3500
ns
—
400 kHz Mode
0
1000
ns
IS12
TDF:SDA Bus Free Time
100 kHz Mode
4.7
—
µs
Time bus must be free
before new transmission can
start
400 kHz Mode
1.3
—
µs
CB
SCL, SDC Capacitive Loading
—
400
pF
Parameter is characterized,
but not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com