Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH6301-I/ML Datasheet(PDF) 17 Page - Microchip Technology

Part # MTCH6301-I/ML
Description  The MTCH6301 is a turnkey projected capacitive con-troller that allows easy integration of multi-touch and gestures to create a rich user interface in your design.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6301-I/ML Datasheet(HTML) 17 Page - Microchip Technology

Back Button MTCH6301-I/ML Datasheet HTML 13Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 14Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 15Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 16Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 17Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 18Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 19Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 20Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2012 Microchip Technology Inc.
DS41663A-page 17
MTCH6301 PROJECTED CAPACITIVE TOUCH CONTROLLER
Gestures
0x50
0x00
RX Swipe Length
1
Minimum interpolated X-distance for
‘swipe’ gesture
10-255
160
0x01
TX Swipe Length
1
Minimum interpolated Y-distance for
‘swipe’ gesture
10-255
150
0x02
Swipe Boundary
1
Maximum interpolated distance in
opposing direction to cancel ‘swipe’
gesture
0-255
150
0x03
Swipe Hold
Threshold
1
Maximum interpolated distance devia-
tion allowed to determine ‘held’ swipe
gesture
0-255
70
0x04
Swipe Time [7:0]
2
Maximum time (ms) for ‘swipe’ gesture
to be completed, beginning at initial
touch-down
0-65535
200
0x05
Swipe Time [15:8]
0x06
Tap Time [7:0]
2
Maximum time (ms) for ‘tap’ gesture,
beginning at initial touch-down
0-65535
500
0x07
Tap Time [15:8]
0x08
Tap Threshold
1
Maximum interpolated distance devia-
tion allowed to determine ‘tap’ gesture
1-255
120
0x09
Minimum Swipe
Velocity
1
Minimum velocity to register the ‘swipe’
gesture. Events below this threshold
will cancel the gesture (touch
removed) or be re-evaluated for
‘swipe-and-hold’ (touch is held)
1-50
3
0x0A
Double Tap Time
[7:0]
2
Maximum time allowed between two
taps to determine ‘double tap’ gesture
50-1000
350
0x0B
Double Tap Time
[15:8]
0x0C
Gesture Edge
Keepout
1
Determines the width of ‘keepout
barrier’ (inactive edge) of the perimeter
of the sensor to reduce or eliminate
issues due to edge effects
0-255
128
Configure
0xF0
0x00
SLP2 [7:0]
4
Time-out duration (ms) with no
activations before controller enters
Sleep mode
0-
4,000,000,000
8000
0x01
SLP2 [15:8]
0x02
SLP2 [23:16]
0x03
SLP2 [31:24]
0x05
SLP1
1
Interval to poll for touch while in Sleep
mode
0-11
7
0x07
Touch Packet CFG
1
Touch Packet Configuration
0x81 = Enabled
0x01 = Disabled
0x81
0x09
Gesture Packet
CFG
1
Gesture Packet Configuration
0x81 = Enabled
0x01 = Disabled
0x01
0x0A
Status Packet CFG
1
Status Packet Configuration
0x81 = Enabled
0x01 = Disabled
0x01
I/O Status
0xF1
0x02
TX Short
Status [7:0]
2
Identifies which TX pins are shorted
after executing Manufacturing Test
command – Read Only
0x00-0xFF
0x00
0x03
TX Short
Status [15:8]
0x06
RX Short
Status [7:0]
2
Identifies which RX pins are shorted
after executing Manufacturing Test
command – Read Only
0x00-0xFF
0x00
0x07
RX Short
Status [15:8]
TABLE 6-1:
MTCH6301 MEMORY MAP
Index
Byte
Offset
Byte
Register Name
Size
Bytes
Description
Data Range
Default
Value
Note
1:
RX Pin Map: {0x08 0x07 0x06 0x05 0x04 0x03 0x02 0x01 0x00 0x09 0x0A 0x0B 0x00}
TX Pin Map: {0x0D 0x06 0x03 0x02 0x04 0x07 0x1C 0x1D 0x1E 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00 0x00}
Pin map array order reflects the physical sensor pin order, not the MTCH6301 pin sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com