Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTCH6301-I/ML Datasheet(PDF) 18 Page - Microchip Technology

Part # MTCH6301-I/ML
Description  The MTCH6301 is a turnkey projected capacitive con-troller that allows easy integration of multi-touch and gestures to create a rich user interface in your design.
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH6301-I/ML Datasheet(HTML) 18 Page - Microchip Technology

Back Button MTCH6301-I/ML Datasheet HTML 14Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 15Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 16Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 17Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 18Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 19Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 20Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 21Page - Microchip Technology MTCH6301-I/ML Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MTCH6301 PROJECTED CAPACITIVE TOUCH CONTROLLER
DS41663A-page 18
 2012 Microchip Technology Inc.
7.0
SPECIAL FEATURES
7.1
Gestures
Single finger gestures are a fast and intuitive way to
navigate a feature rich human-machine interface. The
MTCH6301 supports 11 single finger gestures natively,
without requiring interaction from the master processor.
Tuning may be required depending on the layout of the
sensor, the time duration, and length of activation
required for your gesture supported application. The
most common defaults are already preloaded and
should serve most applications. These parameters and
their descriptions are available in the “Gestures” sec-
tion of the memory map (Section 6.0 “Memory Map”).
If your application requires ONLY gesture functionality,
and does not require touch coordinates, the touch
packet configuration byte (refer to Section 6.0 “Mem-
ory Map”
) can be used to turn off all touch coordinate
data.
FIGURE 7-1:
GESTURE TYPES
7.2
Sleep
Sleep functionality is enabled by default, and follows
the behavior detailed in Figure 7-2. This functionality
can be modified via the registers related to sleep.
SLP1: This delay controls how often the sensor is
scanned for a touch while in Sleep mode. Table 7-1
correlates the value of SLP1 to time (ms).
SLP2: Time (ms) without touch activity before controller
enters sleep mode.
Note:
Gestures are NOT enabled by default,
and must be enabled via the gesture
packet configuration byte in RAM (refer to
Section 6.0 “Memory Map”
).
TABLE 7-1:
SLP1 DELAY CHART
SLP1
Delay (ms)
SLP1
Delay (ms)
016
64
12
7(1)
128(1)
248
256
389
512
416
10
1024
532
11
2048
Note 1:
Default setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com