Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACRICH2 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # ACRICH2
Description  Acrich2 is designed to connect directly to AC source via 2wires with no AC/DC converter which is essential for conventional general lighting.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ACRICH2 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button ACRICH2 Datasheet HTML 3Page - Seoul Semiconductor ACRICH2 Datasheet HTML 4Page - Seoul Semiconductor ACRICH2 Datasheet HTML 5Page - Seoul Semiconductor ACRICH2 Datasheet HTML 6Page - Seoul Semiconductor ACRICH2 Datasheet HTML 7Page - Seoul Semiconductor ACRICH2 Datasheet HTML 8Page - Seoul Semiconductor ACRICH2 Datasheet HTML 9Page - Seoul Semiconductor ACRICH2 Datasheet HTML 10Page - Seoul Semiconductor ACRICH2 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.00)
Rev. 00
Rev. 00
August 2011
August 2011
www.Acrich.com
www.Acrich.com
7
2. Acrich IC Module Circuit Configurations
2.1 Circuit Configurations – 8W Module
Figure 7. 220V/230V/240V Circuit Configurations
Figure 6. 100V/120V Circuit Configurations
L1
L
1
N1
N
1
D10 Acrich
D6
Acrich
D2
Acrich
D9
Acrich
D5
Acrich
D1
Acrich
D11 Acrich
D7
Acrich
D3
Acrich
D12 Acrich
D8
Acrich
D4
Acrich
D20 Acrich
D17 Acrich
D14 Acrich
D19 Acrich
D16 Acrich
D13 Acrich
D21 Acrich
D18 Acrich
D15 Acrich
U1
DN6
3
VAC1
1
VAC2
2
DN8
7
DN4
8
DN3
9
D2
Acrich
D11 Acrich
D7
Acrich
D3
Acrich
D12 Acrich
D8
Acrich
D4
Acrich
D17 Acrich
D20 Acrich
D18 Acrich
D21 Acrich
D13 Acrich
D14 Acrich
D15 Acrich
L1
L
1
N1
N
1
D9
Acrich
D16 Acrich
U1
VP2
3
VAC1
1
VAC2
2
DN8
7
DN4
8
DN3
9
D19 Acrich
D5
Acrich
D1
Acrich
D10 Acrich
D6
Acrich



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com