Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACRICH2 Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # ACRICH2
Description  Acrich2 is designed to connect directly to AC source via 2wires with no AC/DC converter which is essential for conventional general lighting.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ACRICH2 Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button ACRICH2 Datasheet HTML 6Page - Seoul Semiconductor ACRICH2 Datasheet HTML 7Page - Seoul Semiconductor ACRICH2 Datasheet HTML 8Page - Seoul Semiconductor ACRICH2 Datasheet HTML 9Page - Seoul Semiconductor ACRICH2 Datasheet HTML 10Page - Seoul Semiconductor ACRICH2 Datasheet HTML 11Page - Seoul Semiconductor ACRICH2 Datasheet HTML 12Page - Seoul Semiconductor ACRICH2 Datasheet HTML 13Page - Seoul Semiconductor ACRICH2 Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.00)
Rev. 00
Rev. 00
August 2011
August 2011
www.Acrich.com
www.Acrich.com
10
2. Acrich IC Module Circuit Configurations
2.3 Functional Description of Acrich IC Module _ 220V/230V/240V 8W Module
Figure 12. Circuit Diagram
Region
1
2
3
4
5
6
7
Acrich 1, 5
ON
ON
ON
ON
ON
ON
ON
Acrich 2, 6
OFF
ON
ON
ON
ON
ON
OFF
Acrich 3, 7
OFF
OFF
ON
ON
ON
OFF
OFF
Acrich 4, 8
OFF
OFF
OFF
ON
OFF
OFF
OFF
Table 3. Operation of each Acriche (phase 0 ~ 180°)
Figure 13. AC Input Voltage_Current Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com