Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACRICH2 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # ACRICH2
Description  Acrich2 is designed to connect directly to AC source via 2wires with no AC/DC converter which is essential for conventional general lighting.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ACRICH2 Datasheet(HTML) 5 Page - Seoul Semiconductor

  ACRICH2 Datasheet HTML 1Page - Seoul Semiconductor ACRICH2 Datasheet HTML 2Page - Seoul Semiconductor ACRICH2 Datasheet HTML 3Page - Seoul Semiconductor ACRICH2 Datasheet HTML 4Page - Seoul Semiconductor ACRICH2 Datasheet HTML 5Page - Seoul Semiconductor ACRICH2 Datasheet HTML 6Page - Seoul Semiconductor ACRICH2 Datasheet HTML 7Page - Seoul Semiconductor ACRICH2 Datasheet HTML 8Page - Seoul Semiconductor ACRICH2 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.00)
Rev. 00
Rev. 00
August 2011
August 2011
www.Acrich.com
www.Acrich.com
5
1. Driver Configurations
1.3 Absolute Maximum Ratings (Acrich IC)
Characteristics
Symbol
Unit
Value
Operating Voltage – 220V
Vopt
Vac
264
Operating Voltage – 230V
Vopt
Vac
264
Operating Voltage – 240V
Vopt
Vac
264
Operating Voltage – 120V
Vopt
Vac
144
Operating Voltage – 100V
Vopt
Vac
120
Junction Temperature
Tj
°C
125
Operating Temperature
Topr
°C
- 30 ~ 100
Storage Temperature
Tstg
°C
- 40 ~ 120
Table 1. Absolute Maximum Ratings for Acrich IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com