Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACRICH2 Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # ACRICH2
Description  Acrich2 is designed to connect directly to AC source via 2wires with no AC/DC converter which is essential for conventional general lighting.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ACRICH2 Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button ACRICH2 Datasheet HTML 8Page - Seoul Semiconductor ACRICH2 Datasheet HTML 9Page - Seoul Semiconductor ACRICH2 Datasheet HTML 10Page - Seoul Semiconductor ACRICH2 Datasheet HTML 11Page - Seoul Semiconductor ACRICH2 Datasheet HTML 12Page - Seoul Semiconductor ACRICH2 Datasheet HTML 13Page - Seoul Semiconductor ACRICH2 Datasheet HTML 14Page - Seoul Semiconductor ACRICH2 Datasheet HTML 15Page - Seoul Semiconductor ACRICH2 Datasheet HTML 16Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.00)
Rev. 00
Rev. 00
August 2011
August 2011
www.Acrich.com
www.Acrich.com
14
Fig 18. Test Dimmers
2.6 Dimming Performance of Acrich IC Module
2. Acrich IC Module Circuit Configurations
▪ Leading Edge TRIAC Dimmer
▪ 100W
▪ 220V/60Hz
Acrich IC Module’s dimming performance shows different dimming range according to dimmer types
▪ Leading Edge TRIAC Dimmer
▪ 400W
▪ 220V/60Hz
Type
Type
Min. Dimming Range
Max. Dimming Range
220V
60Hz
100W
TRIAC
Dimmer
8W module
3.7 %
95.5 %
12W module
2.2 %
95.0 %
40W Incandescent
0.3 %
94.9 %
400W
TRIAC
Dimmer
8W module
8.2 %
78.6 %
12W module
5.5 %
77.6 %
40W Incandescent
1.3 %
74.7 %
120V
60Hz
600W
TRIAC
Dimmer
8W module
3.1 %
74.5 %
12W module
1.9 %
74.0 %
Table 7. Experimental Test Results of Acrich IC Module _ Dimming Range [1]
[1] Dimming Range
▪ Min. Dimming Range (Travel Min) : Min. Light Output (With Dimmer) / Light Output (W/O Dimmer)
▪ Max. Dimming Range (Travel Max) : Max. Light Output (With Dimmer) / Light Output (W/O Dimmer)
▪ Leading Edge TRIAC Dimmer
▪ 600W
▪ 120V/60Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com